Electronic Components Datasheet Search
  English  ▼

X  

MT9080 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT9080
Description  CMOS SMX - Switch Matrix Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9080 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT9080 Datasheet HTML 1Page - Mitel Networks Corporation MT9080 Datasheet HTML 2Page - Mitel Networks Corporation MT9080 Datasheet HTML 3Page - Mitel Networks Corporation MT9080 Datasheet HTML 4Page - Mitel Networks Corporation MT9080 Datasheet HTML 5Page - Mitel Networks Corporation MT9080 Datasheet HTML 6Page - Mitel Networks Corporation MT9080 Datasheet HTML 7Page - Mitel Networks Corporation MT9080 Datasheet HTML 8Page - Mitel Networks Corporation MT9080 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2-101
®
Features
•
Timeslot interchange circuit for digital switch
applications
•
16 bit wide data bus I/O
•
2048 x 16 bit wide byte capacity
•
Dual addressing capability; internal counter
and external address bus
•
Variable clock and frame rates
•
Microprocessor interface
•CMOS
Applications
•
Building block for digital switching matrices
used in PBXs, CO equipment, data switching,
etc.
•
Programmable delay lines
Description
The MT9080 is a flexible memory module suitable for
use as a basic building block in the construction of
large digital switching matrices. It can be configured
as either a Data Memory or a Connection Memory.
Interface to the device is via 16 bit wide data and
address busses.
The MT9080 can operate with
variable clock rates up to 16.7 MHz.
Figure 1 - Functional Block Diagram
D0i/D15i
A0-A15
ME
16
16
16
16
Address
MUX
11 Bit
Counter
Counter
Reset
2048 x 16
Static
Memory
Control Interface
WR
ENABLE
PRECHARGE
D0o/
CD
11
CRC
FP
CK
ODE
DS
CS R/W
Mx
My
Mz
DTA
D15o
Ordering Information
MT9080AP
84 Pin PLCC
-40°C to 70°C
ISSUE 3
January 1993
MT9080
SMX - Switch Matrix Module
CMOS


Similar Part No. - MT9080

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9080B MITEL-MT9080B Datasheet
123Kb / 25P
CMOS SMX - Switch Matrix Module
MT9080BP MITEL-MT9080BP Datasheet
123Kb / 25P
CMOS SMX - Switch Matrix Module
More results

Similar Description - MT9080

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9080B MITEL-MT9080B Datasheet
123Kb / 25P
CMOS SMX - Switch Matrix Module
logo
Hittite Microwave Corpo...
HMC596LP4 HITTITE-HMC596LP4 Datasheet
452Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Advanced Crystal Techno...
ACT3215A ACT-ACT3215A Datasheet
186Kb / 2P
ACT3215A SMX
13/08/2008
logo
NEC
UPD5715GR NEC-UPD5715GR Datasheet
284Kb / 14P
CMOS MMIC 4 x 2 IF SWITCH MATRIX
UPD5716GR NEC-UPD5716GR Datasheet
176Kb / 14P
CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
JFW Industries, Inc.
50MS-232 JFW-50MS-232 Datasheet
27Kb / 1P
MATRIX SWITCH
logo
Hittite Microwave Corpo...
HMC596LP4 HITTITE-HMC596LP4_09 Datasheet
329Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Advanced Crystal Techno...
ACT_TWC912_TWC913 ACT-ACT_TWC912_TWC913 Datasheet
379Kb / 3P
ACT TWC912 SMX-2 & ACT TWC913 SMX-2
16/05/2013
logo
Renesas Technology Corp
PD5716GR RENESAS-PD5716GR Datasheet
303Kb / 16P
CMOS MMIC 4 x 2 IF SWITCH MATRIX
logo
Analog Devices
HMC596LP4 AD-HMC596LP4 Datasheet
490Kb / 8P
SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com