Electronic Components Datasheet Search
  English  ▼

X  

MT90812AP Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MT90812AP
Description  Integrated Digital Switch (IDX)
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90812AP Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MT90812AP Datasheet HTML 18Page - Mitel Networks Corporation MT90812AP Datasheet HTML 19Page - Mitel Networks Corporation MT90812AP Datasheet HTML 20Page - Mitel Networks Corporation MT90812AP Datasheet HTML 21Page - Mitel Networks Corporation MT90812AP Datasheet HTML 22Page - Mitel Networks Corporation MT90812AP Datasheet HTML 23Page - Mitel Networks Corporation MT90812AP Datasheet HTML 24Page - Mitel Networks Corporation MT90812AP Datasheet HTML 25Page - Mitel Networks Corporation MT90812AP Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
MT90812
Advance Information
18
timeslots, where IDX A can either write to EST0 and EST1 during these channels or place EST0 or EST1 in
high impedance.
Figure 12 - Data Memory Assignment for Expansion Bus Timeslots for EP1,EP0 = 00
6.0
Conferencing
The conference block provides conference call capability in the MT90812 and supports a total of 15 parties,
distributed over a maximum of 5 conferences. (i.e. 1x15 parties, 3x5 parties, 5x3 parties etc.). A/m-Law
companded data from an incoming channel is converted to linear format, applied incoming gain, processed by
a dedicated arithmetic unit, applied outgoing conference gain and stored in Data Memory in linear format. The
output signal contains all the information of each channel connected in conference except its own.
For each of the 15 conference parties there is a Conference Party Control Register. The Conference Party
Control Register contains the conference ID, start bit, insertion tone enable and outgoing channel attenuation.
Refer to “Conference Party Control Register (CPC1-15)” on page 65.
The output for each conference is stored in 1 of 15 Data Memory locations which can be switched to any
outgoing channel. For each of the 15 DM locations the corresponding Connect Memory Low byte is used to
specify the incoming source channel.
The conference circuit incoming channels are specified in CML 60-6E. The incoming conference gain,
inversion bit and noise suppression are specified in CMH. Message mode, Minimum or Constant Delay and
Output Enable are not used for locations 60-6E reserved for conference control. See the description of
“Connection Memory High” on page 50. Channels are transferred from Data Memory with Constant Delay to
the conference circuit.
.
Expansion Bus
Data Memory
Hex
A6-A0
DM
00
EA1
01
EA2
--
1F
EA32
20
EB1
21
EB2
--
3F
EB32
40
EC1
41
EC2
--
5F
EC32
60
ED1
61
ED2
--
7F
ED32
EST0
A1
B1
C1
D1
A2
B2
C2
D2
EST1
A1
B1
C1
D1
A2
B2
C2
D2
FP
.
Expansion Bus
Connect Memory
Hex
A6-A0
CM
00
EA1
01
EA2
--
1F
EA32
20
EB1
21
EB2
--
3F
EB32
40
EC1
41
EC2
--
5F
EC32
60
ED1
61
ED2
--
7F
ED32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com