Electronic Components Datasheet Search
  English  ▼

X  

MT90812AP Datasheet(PDF) 49 Page - Mitel Networks Corporation

Part # MT90812AP
Description  Integrated Digital Switch (IDX)
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90812AP Datasheet(HTML) 49 Page - Mitel Networks Corporation

Back Button MT90812AP Datasheet HTML 45Page - Mitel Networks Corporation MT90812AP Datasheet HTML 46Page - Mitel Networks Corporation MT90812AP Datasheet HTML 47Page - Mitel Networks Corporation MT90812AP Datasheet HTML 48Page - Mitel Networks Corporation MT90812AP Datasheet HTML 49Page - Mitel Networks Corporation MT90812AP Datasheet HTML 50Page - Mitel Networks Corporation MT90812AP Datasheet HTML 51Page - Mitel Networks Corporation MT90812AP Datasheet HTML 52Page - Mitel Networks Corporation MT90812AP Datasheet HTML 53Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 105 page
background image
Advance Information
MT90812
45
Table 16 - Tone Ringer Programmable Frequencies
17.0 Frequency Shift Keying (FSK) Transmitter
The FSK transmitter is a phase coherent FSK modulator that generates two output frequencies, representing
the ‘marks’ and ‘spaces’, of the digital data loaded into the FSK transmit memory. The ‘mark’ and ‘space
frequencies are selectable to Bell 202 or CCITT V.23 standards at 1200 baud (refer to Table 17). The FSK
transmitter output is a PCM coded signal that can be directed to any outgoing local TDM channel.
Table 17 - FSK Signalling Frequencies
As with all outgoing channels, a gain from +3 to -27 dB in steps of 1dB, as well as -
dB, may be applied to the
output of the FSK transmitter. Refer to Section 7.0 for further description of gain control. The signal output level
is -6.12dBm0 (
µ-Law) and -12.12 dBm0 (A-law), when the programmable gains are set at zero dB.
The FSK transmit memory is a 20-byte FIFO that is accessed at the address 07H. Refer to Control Register
addresses indicated in Table 20 on page 53. The FSK output is memory mapped to address 5FH as shown in
Table 3 on page 14. Fig. 26 illustrates the data flow for the FSK transmitter in the MT90812.
coef
freq
coef
freq
coef
freq
coef
freq
coef
freq
coef
freq
coef
freq
coef
freq
0
NA
32
242.42
64
123.08
96
82.47
128
62.02
160
49.69
192
41.45
224
35.56
1
4000.00
33
235.29
65
121.21
97
81.63
129
61.54
161
49.38
193
41.24
225
35.40
2
2666.67
34
228.57
66
119.40
98
80.81
130
61.07
162
49.08
194
41.03
226
35.24
3
2000.00
35
222.22
67
117.65
99
80.00
131
60.61
163
48.78
195
40.82
227
35.09
4
1600.00
36
216.22
68
115.94
100
79.21
132
60.15
164
48.48
196
40.61
228
34.93
5
1333.33
37
210.53
69
114.29
101
78.43
133
59.70
165
48.19
197
40.40
229
34.78
6
1142.86
38
205.13
70
112.68
102
77.67
134
59.26
166
47.90
198
40.20
230
34.63
7
1000.00
39
200.00
71
111.11
103
76.92
135
58.82
167
47.62
199
40.00
231
34.48
8
888.89
40
195.12
72
109.59
104
76.19
136
58.39
168
47.34
200
39.80
232
34.33
9
800.00
41
190.48
73
108.11
105
75.47
137
57.97
169
47.06
201
39.60
233
34.19
10
727.27
42
186.05
74
106.67
106
74.77
138
57.55
170
46.78
202
39.41
234
34.04
11
666.67
43
181.82
75
105.26
107
74.07
139
57.14
171
46.51
203
39.22
235
33.90
12
615.38
44
177.78
76
103.90
108
73.39
140
56.74
172
46.24
204
39.02
236
33.76
13
571.43
45
173.91
77
102.56
109
72.73
141
56.34
173
45.98
205
38.83
237
33.61
14
533.33
46
170.21
78
101.27
110
72.07
142
55.94
174
45.71
206
38.65
238
33.47
15
500.00
47
166.67
79
100.00
111
71.43
143
55.56
175
45.45
207
38.46
239
33.33
16
470.59
48
163.27
80
98.77
112
70.80
144
55.17
176
45.20
208
38.28
240
33.20
17
444.44
49
160.00
81
97.56
113
70.18
145
54.79
177
44.94
209
38.10
241
33.06
18
421.05
50
156.86
82
96.39
114
69.57
146
54.42
178
44.69
210
37.91
242
32.92
19
400.00
51
153.85
83
95.24
115
68.97
147
54.05
179
44.44
211
37.74
243
32.79
20
380.95
52
150.94
84
94.12
116
68.38
148
53.69
180
44.20
212
37.56
244
32.65
21
363.64
53
148.15
85
93.02
117
67.80
149
53.33
181
43.96
213
37.38
245
32.52
22
347.83
54
145.45
86
91.95
118
67.23
150
52.98
182
43.72
214
37.21
246
32.39
23
333.33
55
142.86
87
90.91
119
66.67
151
52.63
183
43.48
215
37.04
247
32.26
24
320.00
56
140.35
88
89.89
120
66.12
152
52.29
184
43.24
216
36.87
248
32.13
25
307.69
57
137.93
89
88.89
121
65.57
153
51.95
185
43.01
217
36.70
249
32.00
26
296.30
58
135.59
90
87.91
122
65.04
154
51.61
186
42.78
218
36.53
250
31.87
27
285.71
59
133.33
91
86.96
123
64.52
155
51.28
187
42.55
219
36.36
251
31.75
28
275.86
60
131.15
92
86.02
124
64.00
156
50.96
188
42.33
220
36.20
252
31.62
29
266.67
61
129.03
93
85.11
125
63.49
157
50.63
189
42.11
221
36.04
253
31.50
30
258.06
62
126.98
94
84.21
126
62.99
158
50.31
190
41.88
222
35.87
254
31.37
31
250.00
63
125.00
95
83.33
127
62.50
159
50.00
191
41.67
223
35.71
255
31.25
Mark
Space
Bell 202
1200
2200
CCITT V.23
1300
2100
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com