Electronic Components Datasheet Search
  English  ▼

X  

MT90823AP Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MT90823AP
Description  3V Large Digital Switch
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90823AP Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MT90823AP Datasheet HTML 9Page - Mitel Networks Corporation MT90823AP Datasheet HTML 10Page - Mitel Networks Corporation MT90823AP Datasheet HTML 11Page - Mitel Networks Corporation MT90823AP Datasheet HTML 12Page - Mitel Networks Corporation MT90823AP Datasheet HTML 13Page - Mitel Networks Corporation MT90823AP Datasheet HTML 14Page - Mitel Networks Corporation MT90823AP Datasheet HTML 15Page - Mitel Networks Corporation MT90823AP Datasheet HTML 16Page - Mitel Networks Corporation MT90823AP Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CMOS
MT90823
13
Initialization of the MT90823
During power up, the TRST pin should be pulsed low,
or held low continuously, to ensure that the MT90863
is in the normal functional mode. A 5K pull-down
resistor can be connected to this pin so that the
device will not enter the JTAG test mode during
power up.
Upon power up, the contents of the connection
memory can be in any state and the ODE pin should
be held low to keep all ST-BUS outputs in a high
impedance
state
until
the
microprocessor
has
initialized the switching matrix.
To prevent two ST-BUS outputs from driving the
same stream simultaneously, the microprocessor
should program the desired active paths through the
switch and put all other channels into a high
impedance state during the initialization routine by
using the block programming mode. In addition, the
loopback bits in the connection memory should be
cleared for normal operation.
When this process is complete, the microprocessor
controlling the matrices can bring the ODE pin or
OSB bit high to relinquish the high impedance state
control to the OE bit in the connection memory.
Table 6 - Control (CR) Register Bits
Table 7 - Valid Address lines for Different Bit Rates
Bit
Name
Description
15 - 6
Unused
Must be zero for normal operation.
5
MBP
Memory Block Program. When 1, the connection memory block programming
feature is ready for the programming of Connection Memory high bits, bit 11 to bit 15.
When 0, this feature is disabled.
4MS
Memory Select. When 0, connection memory is selected for read or write operations.
When 1, the data memory is selected for read operations and connection memory is
selected for write operations. (No microprocessor write operation is allowed for the
data memory.)
3 - 0
STA3-0
Stream Address Bits. The binary value expressed by these bits refers to the input or
output data stream, which corresponds to the subsection of memory made accessible
for subsequent operations. (STA3 = MSB, STA0 = LSB)
Input/Output
Data Rate
Valid Address Lines
2.048 Mb/s
A4, A3, A2, A1, A0
4.096 Mb/s
A5, A4, A3, A2, A1, A0
8.192 Mb/s
A6, A5, A4 A3, A2, A1, A0
Read/Write Address:
00H,
Reset Value:
0000H.
76543210
8
9
10
11
12
13
STA0
STA1
STA2
STA3
14
15
MS
MBP
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com