Electronic Components Datasheet Search
  English  ▼

X  

MT90823AP Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT90823AP
Description  3V Large Digital Switch
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90823AP Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT90823AP Datasheet HTML 1Page - Mitel Networks Corporation MT90823AP Datasheet HTML 2Page - Mitel Networks Corporation MT90823AP Datasheet HTML 3Page - Mitel Networks Corporation MT90823AP Datasheet HTML 4Page - Mitel Networks Corporation MT90823AP Datasheet HTML 5Page - Mitel Networks Corporation MT90823AP Datasheet HTML 6Page - Mitel Networks Corporation MT90823AP Datasheet HTML 7Page - Mitel Networks Corporation MT90823AP Datasheet HTML 8Page - Mitel Networks Corporation MT90823AP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CMOS
MT90823
5
36
9
6
M4
TCK
Test Clock (5V Tolerant Input): Provides the clock to
the JTAG test logic.
37
10
7
N4
TRST
Test Reset (3.3V Input with internal pull-up):
Asynchronously initializes the JTAG TAP controller by
putting it in the Test-Logic-Reset state. This pin should
be pulsed low on power-up, or held low, to ensure that
the MT90823 is in the normal functional mode.
38
11
8
M5
IC
Internal Connection (3.3V Input with internal
pull-down): Connect to VSS for normal operation. This
pin must be low for the MT90823 to function normally
and to comply with IEEE 1149 (JTAG) boundary scan
requirements.
39
12
9
N5
RESET
Device Reset (5V Tolerant Input): This input (active
LOW) puts the MT90823 in its reset state to clear the
device internal counters, registers and bring STo0 - 15
and microport data outputs to a high impedance state.
The time constant for a power up reset circuit must be a
minimum of five times the rise time of the power supply.
In normal operation, the RESET pin must be held low
for a minimum of 100nsec to reset the device.
40
13
10
M6
WFPS
Wide Frame Pulse Select (5V Tolerant Input): When
1, enables the wide frame pulse (WFP) Frame
Alignment interface. When 0, the device operates in
ST-BUS/GCI mode.
41 -
48
14-21
11 -
18
N6,M7,N7,N8,
M8,N9,M9,N10
A0 - A7
Address 0 - 7 (5V Tolerant Input): When
non-multiplexed CPU bus operation is selected, these
lines provide the A0 - A7 address lines to the internal
memories.
49
22
19
N11
DS/RD
Data Strobe / Read (5V Tolerant Input): For Motorola
multiplexed bus operation, this input is DS. This active
high DS input works in conjunction with CS to enable
the read and write operations.
For Motorola non-multiplexed CPU bus operation, this
input is DS. This active low input works in conjunction
with CS to enable the read and write operations.
For multiplexed bus operation, this input is RD. This
active low input sets the data bus lines (AD0-AD7,
D8-D15) as outputs.
50
23
20
M10
R/W / WR Read/Write / Write (5V Tolerant Input): In the cases
of Motorola non-multiplexed and multiplexed bus
operations, this input is R/W. This input controls the
direction of the data bus lines (AD0 - AD7, D8-D15)
during a microprocessor access.
For multiplexed bus operation, this input is WR. This
active low input is used with RD to control the data bus
(AD0 - 7) lines as inputs.
Pin Description (continued)
Pin #
Name
Description
84
PLCC
100
MQFP
100
LQFP
120
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com