Electronic Components Datasheet Search
  English  ▼

X  

MT9123AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT9123AP
Description  CMOS Dual Voice Echo Canceller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9123AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT9123AP Datasheet HTML 13Page - Mitel Networks Corporation MT9123AP Datasheet HTML 14Page - Mitel Networks Corporation MT9123AP Datasheet HTML 15Page - Mitel Networks Corporation MT9123AP Datasheet HTML 16Page - Mitel Networks Corporation MT9123AP Datasheet HTML 17Page - Mitel Networks Corporation MT9123AP Datasheet HTML 18Page - Mitel Networks Corporation MT9123AP Datasheet HTML 19Page - Mitel Networks Corporation MT9123AP Datasheet HTML 20Page - Mitel Networks Corporation MT9123AP Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Preliminary Information
MT9123
8-61
Register Summary
Extended-
When high, Echo Cancellers A and B are internally cascaded into one 128ms echo canceller.
When low, Echo Cancellers A and B operate independently.
Do not enable both Extended-Delay and BBM configurations at the same time.
AdaptDis
When high, echo canceller adaptation is disabled.
When low, the echo canceller dynamically adapts to the echo path characteristics.
Bypass
When high, Sin data is by-passed to Sout and Rin data is by-passed to Rout.
When low, output data on both Sout and Rout is a function of the echo canceller algorithm.
PAD
When high, 12dB of attenuation is inserted into the Rin to Rout path.
When low the Rin to Rout path gain is 0dB.
BBM
When high the Back to Back configuration is enabled.
When low the Normal configuration is enabled. Do not enable Extended-Delay and BBM configurations at the same time.
Always set both BBM bits of the two echo cancellers to the same logic value to avoid conflict.
INJDis
When high, the noise injection process is disabled. When low noise injection is enabled.
Reset
When high, the power-up initialization is executed presetting all register bits including this bit.
Note: Bits marked as “1” or “0” are reserved bits and should be written as indicated.
Echo Canceller A, Control Register 1
ADDRESS = 00h WRITE/READ VERIFY
Power Reset Value
0000 0000
76543210
INJDis
BBM
PAD
AdaptDis
0
Extended
Bypass
Reset
Power Reset Value
0000 0010
76543210
INJDis
BBM
PAD
AdaptDis
1
0
Bypass
Reset
Echo Canceller B, Control Register 1
ADDRESS = 20h WRITE/READ VERIFY
Delay
Delay
CRA1
CRB1
MuteR
When high, data on Rout is muted to quiet code. When low, Rout carries active code.
MuteS
When high, data on Sout is muted to quiet code. When low, Sout carries active code.
HPFDis
When high, the offset nulling high pass filters are bypassed in the Rin and Sin paths.
When low, the offset nulling filters are active and will remove DC offsets on PCM input signals.
NBDis
When high, the narrow-band detector is disabled. When low, the narrow-band detector is enabled.
NLPDis
When high, the non-linear processor is disabled.
When low, the non-linear processors function normally. Useful for G.165 conformance testing.
Note: Bits marked as “0” are reserved bits and should be written as indicated.
Echo Canceller A, Control Register 2
ADDRESS = 01h WRITE/READ VERIFY
Power Reset Value
0000 0000
76543210
0
NLPDis
0
HPFDis
MuteS
MuteR
Echo Canceller B, Control Register 2
ADDRESS = 21h WRITE/READ VERIFY
NBDis
0
CR2
NB
Logic high indicates the presence of a narrow-band signal on Rin.
Active
Logic high indicates that the power level on Rin is above the threshold level (i.e., low power condition).
Down
Decision indicator for the non-linear processor gain adjustment.
Conv
Decision indicator for rapid adaptation convergence. Logic high indicates a rapid convergence state.
DTDet
Logic high indicates the presence of a double-talk condition.
Power Reset Value
0000 0000
76543210
DTDet
Conv
Active
NB
Echo Canceller A, Status Register
ADDRESS = 02h READ
Echo Canceller B, Status Register
ADDRESS = 22h READ
Down
SR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com