Electronic Components Datasheet Search
  English  ▼

X  

MT9160 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9160
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9160 Datasheet HTML 1Page - Mitel Networks Corporation MT9160 Datasheet HTML 2Page - Mitel Networks Corporation MT9160 Datasheet HTML 3Page - Mitel Networks Corporation MT9160 Datasheet HTML 4Page - Mitel Networks Corporation MT9160 Datasheet HTML 5Page - Mitel Networks Corporation MT9160 Datasheet HTML 6Page - Mitel Networks Corporation MT9160 Datasheet HTML 7Page - Mitel Networks Corporation MT9160 Datasheet HTML 8Page - Mitel Networks Corporation MT9160 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MT9160
Preliminary Information
7-78
Figure 2 - Pin Connections
Pin Description
Pin #
SOIC
DIP
Name
Description
11
VBias
Bias Voltage (Output). (VDD/2) volts is available at this pin for biasing external
amplifiers. Connect 0.1 µF capacitor to VSSA.
22
VRef
Reference Voltage for Codec (Output). Nominally [(VDD/2)-1.5] volts. Used
internally. Connect 0.1 µF capacitor to VSSA.
3
4
PWRST
Power-up Reset (Input). CMOS compatible input with Schmitt Trigger (active low).
45
IC
Internal Connection. Tie externally to VSS for normal operation.
56
A/
µ/IRQ A/µ - When internal control bit DEn = 0 this CMOS level compatible input pin governs
the companding law used by the filter/Codec;
µ-Law when tied to V
SS and A-Law
when tied to VDD. Logically OR’ed with A/µ register bit.
IRQ - When internal control bit DEn = 1 this pin becomes an open-drain interrupt
output signalling valid access to the D-Channel registers in ST-BUS mode.
67
VSSD
Digital Ground. Nominally 0 volts.
78
CS
Chip Select (Input).
This input signal is used to select the device for microport data
transfers. Active low. TTL level compatible.
810SCLK
Serial Port Synchronous Clock (Input). Data clock for microport. TTL level
compatible.
911
DATA 1
Bidirectional Serial Data. Port for microprocessor serial data transfer. In Motorola/
National mode of operation, this pin becomes the data transmit pin only and data
receive is performed on the DATA 2 pin. Input TTL level compatible.
10
12
DATA 2
Serial Data Receive. In Motorola/National mode of operation, this pin is used for
data receive. In Intel mode, serial data transmit and receive are performed on the
DATA 1 pin and DATA 2 is disconnected. Input TTL level compatible.
24 PIN PDIP
M -
M +
VBias
VRef
IC
VSSD
SCLK
DATA1
DATA2
Din
Dout
VSSA
HSPKR +
HSPKR -
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
NC
PWRST
A/
µ/IRQ
CS
NC
STB/F0i
NC
CLOCKin
NC
M -
M +
VBias
VRef
IC
VSSD
SCLK
DATA1
DATA2
Din
Dout
VSSA
HSPKR +
HSPKR -
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
PWRST
A/
µ/IRQ
CS
STB/F0i
CLOCKin
20 PIN SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com