Electronic Components Datasheet Search
  English  ▼

X  

MT9160 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9160
Description  ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9160 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9160 Datasheet HTML 17Page - Mitel Networks Corporation MT9160 Datasheet HTML 18Page - Mitel Networks Corporation MT9160 Datasheet HTML 19Page - Mitel Networks Corporation MT9160 Datasheet HTML 20Page - Mitel Networks Corporation MT9160 Datasheet HTML 21Page - Mitel Networks Corporation MT9160 Datasheet HTML 22Page - Mitel Networks Corporation MT9160 Datasheet HTML 23Page - Mitel Networks Corporation MT9160 Datasheet HTML 24Page - Mitel Networks Corporation MT9160 Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Preliminary Information
MT9160
7-97
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
* Note: TxINC, refer to Control Register 1, address 00h.
AC Characteristics† for A/D (Transmit) Path - 0dBm0 = 1.421V
rms for µ-Law and 1.477Vrms for
A-Law, at the Codec. (VRef=1.0 volts and VBias=2.5 volts.)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Analog input equivalent to
overload decision
ALi3.17
ALi3.14
5.79
6.0
Vp-p
Vp-p
µ-Law
A-Law
Both at Codec
2
Absolute half-channel gain
M ± to Dout
GAX1
GAX2
6.0
15.3
dB
dB
Transmit filter gain=0dB
setting.
TxINC = 0*
TxINC = 1*
@1020 Hz
Tolerance at all other transmit
filter settings
(1 to 7dB)
±0.2
dB
3
Gain tracking vs. input level
CCITT G.714 Method 2
GTX
-0.3
-0.6
-1.6
0.3
0.6
1.6
dB
dB
dB
3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
4
Signal to total Distortion vs. input
level.
CCITT G.714 Method 2
DQX
35
29
24
dB
dB
dB
0 to -30 dBm0
-40 dBm0
-45 dBm0
5
Transmit Idle Channel Noise
NCX
NPX
15
-71
16
-69
dBrnC0
dBm0p
µ-Law
A-Law
6
Gain relative to gain at 1020Hz
<50Hz
60Hz
200Hz
300 - 3000 Hz
3000 - 3400 Hz
4000 Hz
>4600 Hz
GRX
-0.25
-0.9
-25
-30
0.0
0.25
0.25
-12.5
-25
dB
dB
dB
dB
dB
dB
dB
7
Absolute Delay
DAX
360
µs
at frequency of minimum
delay
8
Group Delay relative to DAX
DDX
750
380
130
750
µs
µs
µs
µs
500-600 Hz
600 - 1000 Hz
1000 - 2600 Hz
2600 - 2800 Hz
9
Power Supply Rejection
f=1020 Hz
f=0.3 to 3 kHz
f=3 to 4 kHz
f=4 to 50 kHz
PSSR
PSSR1
PSSR2
PSSR3
37
40
35
40
dB
dB
dB
dB
±100mV peak signal on
VDD
µ-law
PSSR1-3 not production
tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com