| Electronic Components Datasheet Search |
|
SM5859AF Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5859AF Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc |
|
17 / 33 page ![]() SM5859AF NIPPON PRECISION CIRCUITS-17 Flag Read name method FLAG6 READ Meaning - Indicates to the CD signal processor DSP (used for error correction, de-interleaving) that a 90H disturbance has exceeded the RAM jitter margin. bit 7 Set - Set according to the YFLAG input and the operating state of YFCKP and YFLGS. FLAG6 set conditions When YFLGS=0, YFCKP=0, YFCLK input falling edge, YFLAG=L When YFLGS=0, YFCKP=1, YFCLK input rising edge, YFLAG=L When YFLGS=1, YFCKP=0, YFLAG=L When YFLGS=1, YFCKP=1, YFLAG=H Reset - By 90H status read - By 80H command when MSON=ON - After external reset MSOVF READ Meaning - Indicates once only that a write to external DRAM has caused an overflow. (When reset 90H by the 90H status read command, this flag is reset even if the overflow condition continues.) bit 6 Set - When the write address (WA) exceeds the read address (RA) Reset - By 90H status read - When a read address clear (MSRACL) or write address clear (MSWACL) command is issued - After external reset DCOMP READ Meaning - Indicates that a compare-connect sequence is operating 90H Set - When a (3-pair or 2-pair) compare-connect start command is received (MSDCN2=1) bit 3 - When a direct connect command is received (MSDCN2=0, MSDCN1=1) Reset - When a (3-pair or 2-pair) comparison detects conforming data - When the connect has been performed after receiving a direct connect command - When a compare-connect stop command (MSDCN2=0, MSDCN1=0) is received - When a MSWREN=1 command is received (However, if a compare-connect command is received at the same time, the compare-connect command has priority.) - After external reset MSWIH READ Meaning - Indicates that the encode sequence has stopped due to internal factors 90H (not microcontroller commands) bit 2 Set - When FLAG6 (above) is set - When MSOVF (above) is set Reset - When conforming data is detected after receiving a compare-connect start command - When the connect has been performed after receiving a direct connect command - When a read address clear (MSRACL) or write address clear (MSWACL) command is received - After external reset MSRIH READ Meaning - Indicates that the decode sequence has stopped due to internal factors 90H (not microcontroller commands) bit 1 Set - When the valid data residual becomes 0 Reset - By 90H status read - When a read address clear (MSRACL) or write address clear (MSWACL) command is issued - After external reset Status flag operation summary |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |