| Electronic Components Datasheet Search |
|
SM5859AF Datasheet(PDF) 18 Page - Nippon Precision Circuits Inc |
|
|
|||||||||||||||||||||||||||||
SM5859AF Datasheet(HTML) 18 Page - Nippon Precision Circuits Inc |
|
18 / 33 page ![]() NIPPON PRECISION CIRCUITS-18 SM5859AF Flag Read name method MSEMP READ Meaning - Indicates that the valid data residual has become 0 91H Set - When the VWA (final valid data's next address) bit 7 = RA (address from which the next read would take place) Reset - Whenever the above does not apply OVFL READ Meaning - Indicates a write to external DRAM overflow state 91H Set - When the write address (WA) exceeds the read address (RA). bit 6 (Note: This flag is not set when WA=RA through an address initialize or reset operation.) Reset - When the read address (RA) is advanced by the decode sequence - When a read address clear (MSRACL) or write address clear (MSWACL) command is issued - After external reset ENCOD READ Meaning - Indicates that the encode sequence (input data entry, encoding, DRAM write) is operating 91H Set - By the 80H command when MSWREN=1 bit 5 - When conforming data is detected during compare-connect operation - When the connect has been performed after receiving a direct connect command Reset - When the FLAG6 flag=1 (above) - When the OVFL flag=1 (above) - By the 80H command when MSWREN=0 - By the 80H command when MSDCN1=1 or MSDCN2=1 (compare-connect start command) - By the 80H command when MSON=0 - After external reset Note. Reset conditions have priority over set conditions. For example, if the 80H command has MSWREN=1 and MSDCN1=1, the ENCOD flag is reset and compare-connect operation starts. DECOD READ Meaning - Indicates that the decode sequence (read from DRAM, decoding, 91H attenuation, data output) is operating bit 4 Set - By a new 80H command when MSRDEN=1 and the MSEMP flag=0 (above) Reset - Whenever the above does not apply |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |