Electronic Components Datasheet Search
  English  ▼

X  

MT9196AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT9196AP
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT9196AP Datasheet HTML 13Page - Mitel Networks Corporation MT9196AP Datasheet HTML 14Page - Mitel Networks Corporation MT9196AP Datasheet HTML 15Page - Mitel Networks Corporation MT9196AP Datasheet HTML 16Page - Mitel Networks Corporation MT9196AP Datasheet HTML 17Page - Mitel Networks Corporation MT9196AP Datasheet HTML 18Page - Mitel Networks Corporation MT9196AP Datasheet HTML 19Page - Mitel Networks Corporation MT9196AP Datasheet HTML 20Page - Mitel Networks Corporation MT9196AP Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Preliminary Information
MT9196
7-143
IDPC Register Map
00
•
•
•
09
RESERVED
0A
-
RxFG2
RxFG1
RxFG0
-TxFG2
TxFG1
TxFG0
FCodec Control 1
0B
Gain3
Gain2
Gain1
Gain0
-
STG2
STG1
STG0
FCodec Control 2
0C
---------------------------------------RESERVED----------------------------------
0D
---------------------------------------RESERVED----------------------------------
0E
PD
Tfhp
DialEn
-
-
B2/B1
RxMute
TxMute
Control Register 1
0F
RST
-
A/
µ
Smag/
CCITT
RxINC
TxINC
-
-
Control Register 2
10
-
ST-BUS/
SSI
CEN
DEN
D8
Asynch/
Synch
CSL1
CSL0
FDI Control
11
-
-
-
W4
W3
W2
W1
W0
Watchdog
12
-
-
-
-
b3
b2
b1
b0
Tx Path Control
13
b7
b6
b5
b4
b3
b2
b1
b0
Rx Path Control
14
b7
b6
b5
b4
b3
b2
b1
b0
C-Channel Register
15
D7
D6
D5
D4
D3
D2
D1
D0
D-Channel Register
16
---------------------------------------RESERVED----------------------------------
17
-
-
Loop2
Loop1
-
-
-
-
Loopback Register
18
HiEN
LoEn
DTMF
StEn
Ring En
-
-
-
WR
DTMF/Tone Ringer
19
TxG3
TxG2
TxG1
TxG0
RxG3
RxG2
RxG1
RxG0
Digital Gain
1A
L7
L6
L5
L4
L3
L2
L1
L0
Low Tone Coeff
1B
H7
H6
H5
H4
H3
H2
H1
H0
High Tone Coeff
1C
Enable
-
MS1
MS0
-Pad2
Pad1
Pad0
Anti-Howl Control
1D
-
THh6
THh5
THh4
THh3
THh2
THh1
THh0
High Threshold
1E
-
THl6
THl5
THl4
THl3
THl2
THl1
THl0
Low Threshold
1F
•
•
•
3F
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com