Electronic Components Datasheet Search
  English  ▼

X  

MT9196AP Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9196AP
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AP Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9196AP Datasheet HTML 17Page - Mitel Networks Corporation MT9196AP Datasheet HTML 18Page - Mitel Networks Corporation MT9196AP Datasheet HTML 19Page - Mitel Networks Corporation MT9196AP Datasheet HTML 20Page - Mitel Networks Corporation MT9196AP Datasheet HTML 21Page - Mitel Networks Corporation MT9196AP Datasheet HTML 22Page - Mitel Networks Corporation MT9196AP Datasheet HTML 23Page - Mitel Networks Corporation MT9196AP Datasheet HTML 24Page - Mitel Networks Corporation MT9196AP Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Preliminary Information
MT9196
7-147
Note: Bits marked "-" are reserved bits and should be written with logic "0".
Control bits b0 to b3 are used to configure the transmit path and select the transmit source. Note that for SSI mode all selections where
b3 = 1 are not used and are interpreted as b0 - b3 = 0 (i.e., transmit path off).
Destination
Source Programming
b3
b2
b1
b0
B1
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
B1 & B2 Off
Handset mic (M + /M -)
Handsfree mic (MIC +)
AUXin
Tx tones
Reserved
Reserved
Reserved
B2
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Reserved
Handset mic (M + /M -)
Handsfree ic (MIC +)
AUXin
Tx Tones
Reserved
Reserved
Reserved
Transmit Path Control Register
ADDRESS = 12h WRITE/READ VERIFY
Power Reset Value
XXXX 0000
76543210
--
-
b1
b0
b3
-
b2
Control bits b0 to b7 are used to assign a signal source individually to each receive path output. In addition transmit to receive voice
sidetone path control is included.
Destination
Source Programming
Handset Speaker
b1
0
0
1
1
b0
0
1
0
1
Off
Rx Filter
AUXin
Reserved
Handsfree Speaker
b3
0
0
1
1
b2
0
1
0
1
Off
Rx Filter
AUXin
Reserved
Aux out
b6
0
0
0
0
1
1
1
1
b5
0
0
1
1
0
0
1
1
b4
0
1
0
1
0
1
0
1
Off
Rx Filter
Reserved
AUXin
Handset mic (M+ /M -)
Handsfree mic (MIC +)
Reserved
Reserved
Voice Sidetone
b7
0
1
Voice sidetone path disabled
Voice sidetone path enabled
Receive Path Control Register
ADDRESS = 13h WRITE/READ VERIFY
Power Reset Value
0000 0000
76543210
b7
b5
b4
b1
b0
b3
b6
b2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com