Electronic Components Datasheet Search
  English  ▼

X  

MT9172AP Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # MT9172AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9172AP Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button MT9172AP Datasheet HTML 12Page - Mitel Networks Corporation MT9172AP Datasheet HTML 13Page - Mitel Networks Corporation MT9172AP Datasheet HTML 14Page - Mitel Networks Corporation MT9172AP Datasheet HTML 15Page - Mitel Networks Corporation MT9172AP Datasheet HTML 16Page - Mitel Networks Corporation MT9172AP Datasheet HTML 17Page - Mitel Networks Corporation MT9172AP Datasheet HTML 18Page - Mitel Networks Corporation MT9172AP Datasheet HTML 19Page - Mitel Networks Corporation MT9172AP Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MT9171/72
Advance Information
9-148
** Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
* Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
† Parameters over recommended temperature & power supply voltage ranges.
* Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
† Parameters over recommended temperature & power supply voltage ranges.
Absolute Maximum Ratings** - Voltages are with respect to ground (V
SS) unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD
-0.3
7
V
2
Voltage on any pin (other than supply)
VMax
-0.3
VDD+0.3
V
3
Current on any pin (other than supply)
IMax
40
mA
4
Storage Temperature
TST
-65
+150
°C
5
Package Power Dissipation (Derate 16mW/°C above 75°C)
PDiss
750
mW
Recommended Operating Conditions† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
Operating Supply Voltage
VDD
4.75
5.00
5.25
V
2
Operating Temperature
TOP
-40
+85
°C
3
Input High Voltage (except OSC1)
VIH
2.4
VDD
V
for 400 mV noise margin
4
Input Low Voltage (except OSC1)
VIL
0
0.4
V
for 400 mV noise margin
DC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
O
U
T
P
U
T
S
Operating Supply Current
IDD
10
mA
2
Output High Voltage (ex OSC2)
VOH
2.4
V
IOH=10mA
3
Output High Current
(except OSC2)
IOH
10
mA
Source current. VOH=2.4V
4
Output High Current - OSC2
IOH
10
µ
A
Source current VOH=3.5V
5
Output Low Voltage (ex OSC2)
VOL
0.4
V
IOL=5mA
6
Output Low Current
(except OSC2)
IOL
5
7.5
mA
Sink current. VOL=0.4V
7
Output Low Current - OSC2
IOL
10
µ
A
Sink current. VOL=1.5V
8
High Imped. Output Leakage
IOZ
10
µ
AVIN=VSS to VDD
9
Output Voltage
(VRef)
(VBias)
VO
VBias-1.8
VDD/2
V
V
10
11
I
N
P
U
T
S
Input High Voltage (ex OSC1)
VIH
2.0
V
12
Input Low Voltage (ex OSC1)
VIL
0.8
V
13
Input High Voltage (OSC1)
VIHo
4.0
V
14
Input Low Voltage (OSC1)
VILo
1.0
V
15
Input Leakage Current
IIL
10
µ
AVIN=VSS to VDD
16
Input Pulldown Impedance
LOUT DIS and Precan
ZPD
30
k
Ω
17
Input Leakage Current for
OSC1 Input
IIOSC
20
µ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com