Electronic Components Datasheet Search
  English  ▼

X  

MT9172AP Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MT9172AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9172AP Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MT9172AP Datasheet HTML 13Page - Mitel Networks Corporation MT9172AP Datasheet HTML 14Page - Mitel Networks Corporation MT9172AP Datasheet HTML 15Page - Mitel Networks Corporation MT9172AP Datasheet HTML 16Page - Mitel Networks Corporation MT9172AP Datasheet HTML 17Page - Mitel Networks Corporation MT9172AP Datasheet HTML 18Page - Mitel Networks Corporation MT9172AP Datasheet HTML 19Page - Mitel Networks Corporation MT9172AP Datasheet HTML 20Page - Mitel Networks Corporation MT9172AP Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Advance Information
MT9171/72
9-149
† Timing is over recommended temperature & power supply voltages.
* Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Œ Duty cycle is measured at V
DD/2 volts.
.
† Timing is over recommended temperature & power supply voltages.
* Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Notes:
1)
When operating as a SLAVE the C4 clock has a 40% duty cycle.
2)
When operating in MAS/DN Mode, the C4 and Oscillator clocks must be externally frequency-locked (i.e.,
FC=2.5xfC4). The relative phase between these two clocks (Φ in Fig. 17) is not critical and may vary from
0 ns to tC4P . However, the relative jitter must be less than JC (see Figure 17).
Figure 15 - C4 Clock & Frame Pulse Alignment for ST-BUS Streams
AC Electrical Characteristics† - Voltages are with respect to ground (V
SS) unless otherwise stated.
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
I
N
P
U
T
S
Input Voltage
(LIN)
VIN
5.0
Vpp
2
Input Current
(LIN)IIN
-10
+10
µ
AfBaud=160 kHz
3
Input Impedance
(LIN)ZIN
20
40
k
Ω
fBaud=160 kHz
4
Crystal/Clock Frequency
fC
10.24
MHz
5
Crystal/Clock Tolerance
TC
-100
0
+100
ppm
6a
Crystal/Clock Duty Cycle
Œ
DCC
40
50
60
%
Normal temp. & VDD
6b
Crystal/Clock Duty Cycle
Œ
DCC
45
50
55
%
Recommended at max./
min. temp. & VDD
7
Crystal/Clock Loading
CL
33
50
pF
From OSC1 & OSC2 to VSS.
8
O
U
T
P
U
T
S
Output Capacitance
(LOUT)Co
8pF
9
Load Resistance
(LOUT)
(VBias, VRef)
RLout
500
100
Ω
k
Ω
10
Load Capacitance
(LOUT)
(VBias, VRef)
CLout
0.1
20
pF
µF
Capacitance to VBias.
11
Output Voltage
(LOUT)Vo
3.2
4.3
4.6
Vpp
RLout = 500Ω, CLout = 20pF
AC Electrical Characteristics† - Clock Timing - DN Mode (Figures 16 & 17)
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1C4 Clock Period
tC4P
244
ns
2C4 Clock Width High or Low
tC4W
122
ns
In Master Mode - Note 1
3
Frame Pulse Setup Time
tF0S
50
ns
4
Frame Pulse Hold Time
tF0H
50
ns
5
Frame Pulse Width
tF0W
244
ns
6
10.24 MHz Clock Jitter (wrt C4)JC
-15
+15
ns
Note 2
Channel 31
Bit 0
Channel 0
Bit 7
Channel 0
Bit 6
F0b
C4
ST-BUS
BIT CELLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com