Electronic Components Datasheet Search
  English  ▼

X  

P2811A Datasheet(PDF) 2 Page - ON Semiconductor

Part # P2811A
Description  Low Power EMI Reduction IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2811A Datasheet(HTML) 2 Page - ON Semiconductor

  P2811A Datasheet HTML 1Page - ON Semiconductor P2811A Datasheet HTML 2Page - ON Semiconductor P2811A Datasheet HTML 3Page - ON Semiconductor P2811A Datasheet HTML 4Page - ON Semiconductor P2811A Datasheet HTML 5Page - ON Semiconductor P2811A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P2811A/B and P2812A/B and P2814A/B
.
Rev. 2 | Page 2 of 6 | www.onsemi.com
Block Diagram
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external Clock input.
2
VSS
P
Ground to entire chip.
3
D_C
I
Digital logic input used to select Down (LOW) or Center (HIGH) spread options.
(Refer to Frequency Deviation and Spread Selection Table).
This pin has an internal pull-up resistor.
4
SRS
I
Spread range select. Digital logic input used to select frequency deviation
(Refer to Frequency Deviation and Spread Selection Table).
This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum clock output.
6
FRS
I
Frequency range select. Digital logic input used to select Input frequency range
(Refer to Input/Output Frequency Range Selection Table).
This pin has an internal pull-up resistor.
7
VDD
P
Power supply for the entire chip.
8
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
ModOUT
1
2
3
4
5
6
7
8
FRS
XOUT
XIN / CLKIN
VSS
D_C
SRS
VDD
P2811A/B
P2812A/B
P2814A/B
XIN / CLKIN
Crystal
Oscillator
Frequency
Divider
Feedback
Divider
r
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
D_C SRS FRS
XOUT
VSS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com