Electronic Components Datasheet Search
  English  ▼

X  

P2811A Datasheet(PDF) 3 Page - ON Semiconductor

Part # P2811A
Description  Low Power EMI Reduction IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P2811A Datasheet(HTML) 3 Page - ON Semiconductor

  P2811A Datasheet HTML 1Page - ON Semiconductor P2811A Datasheet HTML 2Page - ON Semiconductor P2811A Datasheet HTML 3Page - ON Semiconductor P2811A Datasheet HTML 4Page - ON Semiconductor P2811A Datasheet HTML 5Page - ON Semiconductor P2811A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P2811A/B and P2812A/B and P2814A/B
.
Rev. 2 | Page 3 of 6 | www.onsemi.com
Input/Output Frequency Range Selection Table
FRS (pin 6)
Part Number
Modulation Rate
P2811 (1x)
P2812 (2x)
P2814 (4x)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
Input
(MHz)
Output
(MHz)
0
10-20
10-20
10-20
20-40
10-20
40-80
Input Frequency / 448
1
20-40
20-40
20-40
40-80
20-40
80-160
Input Frequency / 896
Output Frequency Deviation and Spread Selection Table
Part Number
D_C
(pin 3)
SRS
(pin 4)
Frequency Deviation
1 (%)
FS=0
FS=1
10/20/40 (MHz)
20/40/80 (MHz)
20/40/80 (MHz)
40/80/160 (MHz)
P28XXA
0
0
-3
-2.5
-2.7
-2.6
0
1
-3.7
-3.4
-3.8
-3.6
1
0
±1.5
±1.2
±1.5
±1.3
1
1
±1.8
±1.6
±1.9
±1.8
P28XXB
0
0
-1.7
-1.0
-1.5
-1.4
0
1
-2.0
-1.5
-2.0
-1.9
1
0
±0.75
±0.6
±0.8
±0.7
1
1
±1.0
±0.75
±1.0
±0.9
Note: 1. Frequency Deviation given in the table is for the Output Frequency Range covering P2811x / 12x / 14x.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage(As per JEDEC STD 22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com