Electronic Components Datasheet Search
  English  ▼

X  

SATURN Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SATURN
Description  CDMA/AMPS dual Band IF Receiver for Digital Phones
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SATURN Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SATURN Datasheet HTML 1Page - Mitel Networks Corporation SATURN Datasheet HTML 2Page - Mitel Networks Corporation SATURN Datasheet HTML 3Page - Mitel Networks Corporation SATURN Datasheet HTML 4Page - Mitel Networks Corporation SATURN Datasheet HTML 5Page - Mitel Networks Corporation SATURN Datasheet HTML 6Page - Mitel Networks Corporation SATURN Datasheet HTML 7Page - Mitel Networks Corporation SATURN Datasheet HTML 8Page - Mitel Networks Corporation SATURN Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Preliminary Information
SATURN
SATURN
CDMA/AMPS dual Band IF Receiver for Digital Phones
Preliminary Information
Description
The SATURN circuit is designed for use in dual band dual
mode mobile phones (CDMA/AMPS). The circuit is
designed to be compataible with digital baseband and
mixed signal circuit chips from Mitel (Planet Chip-set)
and Qualcomm (MSM2 and BBA). A wideband AGC
amplifier allows the input of CDMA or AMPS signal paths
with a range power management control options.
Features
q
Selectable IF input buffers with characteristic
impedance suitable for interface to IF CDMA and
FM SAW filter outputs
q
AGC amplifiers with 90dB of variable gain, fully
compensated for temperature variation
q
IQ demodulator with accurately defined output DC
level and low DC offsets
q
LO operating at twice frequency with high accuracy
quadrature generation
q
Sophisticated power management control operation
q
Overload indicator
DS4721
Issue 4.2
April 1999
Odering Information
SATURN/KG/QP1S
SATURN/KG/QP1T
Figure 1 Block diagram
Temperature
Comp.
DLL
I OUT
FM IFIN
Q OU T
Gain
Control
Mode
Control
CDMA IFIN
AGC
STARTUP
ENABLE
MODE CDM
PRESCALER
Overload
Indicator
BAND 1900
VHF VCC
VHF VEE


Similar Part No. - SATURN

ManufacturerPart #DatasheetDescription
logo
BLOCK Transformatoren-E...
SAT 200 BLOCK-SAT 200 Datasheet
104Kb / 2P
Auto Transformer
02.2004
logo
Mini-Circuits
SAT-10DC-3A MINI-SAT-10DC-3A Datasheet
209Kb / 2P
Attenuator
logo
Eravant
SAT-114-07508-C1 ERAVANT-SAT-114-07508-C1 Datasheet
251Kb / 2P
F-Band Orthomode Transducer, 110 to 118 GHz
Rev. 1.2
logo
Micro Electronics
SAT-1311 MICRO-ELECTRONICS-SAT-1311 Datasheet
294Kb / 2P
TRANSFORMER FOR ADSL MODEM
SAT-1312 MICRO-ELECTRONICS-SAT-1312 Datasheet
226Kb / 1P
TRANSFORMER FOR ADSL MODEM
More results

Similar Description - SATURN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA9500 PHILIPS-SA9500 Datasheet
150Kb / 22P
Dual-band, CDMA/AMPS downconverter IC
1998 Aug 11
SA9502 PHILIPS-SA9502 Datasheet
256Kb / 26P
Dual-band, CDMA/AMPS downconverter IC
1999 Mar 19
logo
Rohm
BH4128FV ROHM-BH4128FV Datasheet
106Kb / 8P
Second Mixer IF for digital cellular phones
logo
Siemens Semiconductor G...
CGY0819 SIEMENS-CGY0819 Datasheet
304Kb / 18P
GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation)
logo
Sony Corporation
CXA3329ER SONY-CXA3329ER Datasheet
126Kb / 14P
Analog Signal Processor TX-IF IC for W-CDMA Cellular Phones
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
CDMA/AMPS Dual Band RF Receiver
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
CDMA/AMPS Dual Mode IF/ baseband IC
logo
ATMEL Corporation
TO353 ATMEL-TO353 Datasheet
213Kb / 11P
2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
CDMA/AMPS Dual Band and RF Receiver
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com