Electronic Components Datasheet Search
  English  ▼

X  

SATURN Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SATURN
Description  CDMA/AMPS dual Band IF Receiver for Digital Phones
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SATURN Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SATURN Datasheet HTML 1Page - Mitel Networks Corporation SATURN Datasheet HTML 2Page - Mitel Networks Corporation SATURN Datasheet HTML 3Page - Mitel Networks Corporation SATURN Datasheet HTML 4Page - Mitel Networks Corporation SATURN Datasheet HTML 5Page - Mitel Networks Corporation SATURN Datasheet HTML 6Page - Mitel Networks Corporation SATURN Datasheet HTML 7Page - Mitel Networks Corporation SATURN Datasheet HTML 8Page - Mitel Networks Corporation SATURN Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Preliminary Information
SATURN
Electrical Characteristics (AC specifications) Continued
Tamb= 30°C to +70°C, Vcc = +2.7 to +3.6. These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Frequency = 210.38MHz
Characteristic
Value
Units
Conditions
Min
Typ
Max
CDMA AGC
Max Voltage Gain to demodulator
48
50
dB
To demodulator outputs
output
Min Voltage Gain to demodulator
-55
-47
dB
To demodulator
output
Max Voltage Gain to IF buffer output
42
-43
dB
IF AGC only mode
Min voltage Gain to IF buffer output
-51
-49
dB
IF AGC only mode
AGC control Max
2.6
V
Gain = Gain max
AGC control Min
0.1
V
Gain = Gain min
Gain slope
40
dB/V
Gain slope linearity
6
90
dB/V
Over gain control range
Gain temperature stability
-2
2
dB
Channel gain variation
-0.1
0.1
dB
Within channel bandwidth
@ 210.38MHz
NF
Gainmax
5.5
6.5
dB
Rs (500
Ω)
Input V1dB
Gainmin
110
dB
µV Minimum gain
104
dB
µV Power (500Ω)
IIP3
Gainmin
114
120
dB
µV Minimum gain
Input impedance
500
Ω
With addition of external
resistor across IF inputs
IF Frequency
50
250
MHz
CDMA to Amps isolation
30
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com