Electronic Components Datasheet Search
  English  ▼

X  

SL1710 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SL1710
Description  Quadrature Downconverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1710 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SL1710 Datasheet HTML 1Page - Mitel Networks Corporation SL1710 Datasheet HTML 2Page - Mitel Networks Corporation SL1710 Datasheet HTML 3Page - Mitel Networks Corporation SL1710 Datasheet HTML 4Page - Mitel Networks Corporation SL1710 Datasheet HTML 5Page - Mitel Networks Corporation SL1710 Datasheet HTML 6Page - Mitel Networks Corporation SL1710 Datasheet HTML 7Page - Mitel Networks Corporation SL1710 Datasheet HTML 8Page - Mitel Networks Corporation SL1710 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The SL1710 is a quadrature downconverter, intended for
use with both Professional and Consumer Digital Satellite
Applications.
The device contains high linearity, low noise amplifiers,
quadrature mixers, plus an on-chip oscillator, operating
between 350MHz and 500MHz, which may be synthesised via
the differential prescaler outputs.
An AGC with 18dB gain control is provided to cope with a
wide range of input signal levels.
I and Q outputs are via low impedance single ended
amplifiers. These may be connected to a dual channel analog
to digital converter such as the PCA916, VP216, VP215 or
VP213, via a suitable anti-alias filter.
FEATURES
s Wide input frequency range (350-500MHz)
s On chip oscillator with varactor tuning or SAW
resonator operation capability
s Nominal 40dB conversion gain from IF input to I
and Q outputs
s AGC amplifier with 18dB gain control range
s I to Q phase match 90
°C to ± 2°, gain match
better than 1dB
s Low impedance I and Q single ended outputs,
with 15MHz
± 1dB BW
s Divide by 32 prescaler outputs
s Suitable for QPSK and up to 64QAM systems
APPLICATIONS
s Consumer digital satellite decoders
s Professional digital satellite decoders
s Communication systems
ORDERING INFORMATION
SL1710/KG/MPAS
SL1710/KG/MPAD (Tape and Reel)
Fig. 1 Pin allocation top view
MP16
1
16
VCCC
AGC
IOUT
VEEA
IFINB
IFIN
VCCA
QOUT
VEEC
VCCB
VCODIS
VCO
B
VCO
A
VEEB
PSCAL
PSCALB
ABSOLUTE MAXIMUM RATINGS
Storage temperature
-55
°C to +150°C
Junction temperature
-29
°C to +150°C
Supply voltage
-0.3 to 7.0V
Voltage at any other pin
-0.3 to +7.0V
Fig.2. SL1710 block diagram
AGC
IFIN
VCODIS
VCOA
AGC
AGC
÷32
LO
0 deg
90 deg
Quadrature
generator
PSCALB
PSCAL
Q OUT
I OUT
IFINB
VCOB
SL1710
Quadrature Downconverter
Preliminary Information
Supersedes October 1996 version in Media IC Handbook HB4599-1.0
DS3842 - 4.1 March 1997


Similar Part No. - SL1710

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
Quadrature Downconverter
SL1711B MITEL-SL1711B Datasheet
566Kb / 20P
Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
Quadrature Downconverter
SL1714C MITEL-SL1714C Datasheet
522Kb / 20P
Quadrature Downconverter
logo
Laird Tech Smart Techno...
SL17182P LSTD-SL17182P Datasheet
908Kb / 1P
Neutral color and low silhouette
More results

Similar Description - SL1710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
RF DOWNCONVERTER
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
Programmable Downconverter
1999 12
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
Programmable Downconverter
2000 05
logo
Mitel Networks Corporat...
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
Quadrature Downconverter
SL1714 MITEL-SL1714 Datasheet
522Kb / 20P
Quadrature Downconverter
logo
Intersil Corporation
HSP50214 INTERSIL-HSP50214 Datasheet
395Kb / 54P
Programmable Downconverter
February 2000
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
Programmable Downconverter
May 1, 2007
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
Programmable Downconverter
May 1, 2007
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
Programmable Downconverter
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com