Electronic Components Datasheet Search
  English  ▼

X  

SL1710 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SL1710
Description  Quadrature Downconverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1710 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SL1710 Datasheet HTML 1Page - Mitel Networks Corporation SL1710 Datasheet HTML 2Page - Mitel Networks Corporation SL1710 Datasheet HTML 3Page - Mitel Networks Corporation SL1710 Datasheet HTML 4Page - Mitel Networks Corporation SL1710 Datasheet HTML 5Page - Mitel Networks Corporation SL1710 Datasheet HTML 6Page - Mitel Networks Corporation SL1710 Datasheet HTML 7Page - Mitel Networks Corporation SL1710 Datasheet HTML 8Page - Mitel Networks Corporation SL1710 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SL1710
ELECTRICAL CHARACTERISTICS (continued)
Tamb= 0
o
C to 80
o
C, Vee= 0V, Vcc = 4.75 to 5.25 V, These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Value
Characteristic
Pin
Min
Typ
Max
Units
Conditions
Prescaler sidebands
2, 7
-50
-47
dBV
Measured in IQ outputs
Power supply rejection
2, 7
25
30
dB
Attenuation VCC to IQ outputs,
over 0-500kHz
Notes:
1. The choice of L will have an effect on phase noise of the VCO
2. Target value at fo=500MHz, L (tank)=10nH, Q (tank, unloaded)=50, SSB
DESCRIPTION
The SL1710 is a quadrature downconverter, intended for
high linearity, low noise digital satellite applications. It contains
all the elements necessary, with the exception of the VCO
tuning components, to extract baseband I and Q signals from
a QPSK or QAM IF input signal.
A block diagram for the SL1710 is shown in Fig. 2.
In normal consumer digital satellite applications, the device
is fed via a SAW filter, centred at the standard IF of 479.5MHz.
A filtered single channel is therefore presented to the device,
at a typical level of -51dBV. An AGC is included with 18dB of
gain control, which is guaranteed to provide an overall conver-
sion gain between 30 and 45dB from the RF input to the I and
Q outputs.
The quadrature mixers are fed from an on-chip oscillator
which is centred on the incoming IF. The oscillator external
tuning network should be fully symmetric, to ensure optimum
gain and phase match.
Single ended I and Q amplifiers are provided, which output
a 760mV (p/p) signal, assuming a nominal -51dBV input signal
and 40dB gain, suitable for driving a dual channel ADC such as
the PCA 869, PCA 913 and PCA 916 via an anti-alias filter (see
application notes). The ADC is normally AC coupled via two
capacitors (typically 4.7
µF).
The SL1710 also includes divide by 32 prescaler output.
These may be fed to an external PLL circuit which can be used
to drive the on-chip oscillator, thus forming a complete control
loop.
The VCO can be disabled by applying 0V to pin 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com