Electronic Components Datasheet Search
  English  ▼

X  

SM5865CM Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5865CM
Description  D/A Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865CM Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5865CM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SM5865CM
NIPPON PRECISION CIRCUITS—8
AC Analog Characteristics
Measurement Conditions
Analog Characteristics
External 8fs digital filter
: NPC SM5847AF
External operational amplifier
: JRC NJM5534D
Supply voltage
SM5865CM
: DVDD
= AVDDA = AVDDB = 5V,
DVSS
= AVSSA = AVSSB = CVSS = 0V
SM5847AF
:
+ 3.3V
NJM5534D
:
± 15V
Ambient temperature
: 25
°C
Input data of SM5847AF
: 48kHz sampling (fs), 24-bit data
System clock
: 24.576MHz (= 512fs), (64fs noise shaper operation)
Audio analyzer
: Audio Precision System Two (RMS mode)
Measurement filter condition
: THD
+ N 22HzHPF, 20kHzLPF (FLP-A20K)
: D.R
22HzHPF, 22kHzLPF, A-weight (FIL-AWT)
: S/N
22HzHPF, 22kHzLPF, A-weight (FIL-AWT)
Measurement circuits diagram : See next page.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output level1
1. Vout is the output level of the first I–V conversion stage.
Vout
1 kHz, 0 dB
1.28
1.33
1.38
Vrms
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
–
0.00030
(
− 110.5dB)
0.00060
(
− 104.4dB)
%
Dynamic range
D.R
1 kHz,
−60 dB
111
117
–
dB
Signal-to-noise ratio
S/N
1 kHz, 0/
−∞ dB
117
120
–
dB
Gain drift
G.D
–
10
–
ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com