Electronic Components Datasheet Search
  English  ▼

X  

SM5865CM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5865CM
Description  D/A Converter for Digital Audio
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5865CM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5865CM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5865CM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ΣDECO SM5865CM
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
D/A Converter for Digital Audio
OVERVIEW
The SM5865CM is a 24-bit input D/A converter LSI
for high-quality digital audio equipment. It com-
prises newly developed DEM (dynamic element
matching) circuits, 3rd-order
Σ∆ noise shaper and
31-level quantizer to realize super low total har-
monic distortion and wide dynamic range. Also, the
device is widely reduced residual quantization noise
up to high-frequency bandwidth in the audio band so
the order of the required final-stage analog lowpass
filter can be reduced, making it ideal for application
with high-frequency sampling format. The output
stage employs differential current outputs for high-
accuracy analog signals, with appropriate lowpass
filtering of the output signal. This device can be used
in combination with an 8-times oversampling digital
filter of SM5847AF and others like that for the com-
patibility with 192k
Hz sampling format.
FEATURES
I
Mono-channel D/A converter LSI
I
High performance
• 0.00030 % (–110.5dB) typ. THD + N
• 117 dB typ. Dynamic range
• 120 dB typ. S/N
I
Input interface
• 20 or 24-bit word length
• MSB first, right-justified format
• 8 or 4 times oversampling at fs = 16/32/44.1/48/
88.2/96/176.4/192 kHz
I
System clock frequency
• 192/256/384/512/768/1024 fs
I
Single 5 V operating supply voltage
I
24-pin SSOP package
I
Molybdenum-gate CMOS process
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Weight: 0.23g
24-pin SSOP
Device
Package
SM5865CM
24-pin SSOP
1
13
24
12
DVSS
DI
BCKI
WCKI
IWSL
RSTN
TSTN
AVSSA
RA
IOUTA
VBA
N.C.
AVDDA
AVDDB
TO
RB
DVDD
CKI
CKDVN
CVSS
IOUTB
VBB
N.C.
AVSSB
0.36 0.10
10.20 0.30
10.05 0.20
010
0.50 0.20
0.8
0.12 M
0.10
0.15
+ 0.10
− 0.05


Similar Part No. - SM5865CM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
D/A Converter
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
More results

Similar Description - SM5865CM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
Digital Audio D/A Converter
logo
Panasonic Semiconductor
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
D/A Converter for Digital Audio Equipment
MN6460A PANASONIC-MN6460A Datasheet
64Kb / 6P
A/D Converter for Digital Audio Equipment
MN6474A PANASONIC-MN6474A Datasheet
51Kb / 6P
D/A Converter for Digital Audio Equipment
MN6475A PANASONIC-MN6475A Datasheet
50Kb / 6P
D/A Converter for Digital Audio Equipment
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
16-Bit D/A Converter for Digital Audio?
logo
Nippon Precision Circui...
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
logo
Asahi Kasei Microsystem...
AKD5700-A AKM-AKD5700-A Datasheet
452Kb / 39P
digital audio 16bit A/D converter
AKD5701-A AKM-AKD5701-A Datasheet
461Kb / 40P
digital audio 16bit A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com