Electronic Components Datasheet Search
  English  ▼

X  

SA8282 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SA8282
Description  Three-Phase PWM Waveform Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA8282 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SA8282 Datasheet HTML 4Page - Mitel Networks Corporation SA8282 Datasheet HTML 5Page - Mitel Networks Corporation SA8282 Datasheet HTML 6Page - Mitel Networks Corporation SA8282 Datasheet HTML 7Page - Mitel Networks Corporation SA8282 Datasheet HTML 8Page - Mitel Networks Corporation SA8282 Datasheet HTML 9Page - Mitel Networks Corporation SA8282 Datasheet HTML 10Page - Mitel Networks Corporation SA8282 Datasheet HTML 11Page - Mitel Networks Corporation SA8282 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SA828
8
SA828 PROGRAMMING EXAMPLE
The following example assumes that a master clock of
12·288 MHz is used (12·288 MHz crystals are readily available).
This clock frequency will allow a maximum carrier frequency of
24 kHz and a maximum power frequency of 4 kHz.
Initialisation Register Programming Example
A power waveform range of up to 250Hz is required with a
carrier frequency of 6kHz, a pulse deletion time of 10
µs and an
underlap of 5
µs.
1. Setting the carrier frequency
The carrier frequency should be set first as the power
frequency, pulse deletion time and pulse delay time are all
defined relative to the carrier frequency.
We must calculate the value of
n that will give the required
carrier frequency:
From Table 4,
n = 4 corresponds to a 3-bit CFS word of
010 in temporary register R1.
2. Setting the power frequency range
We must calculate the value of
m that will give the required
power frequency:
From Table 5,
m = 16 corresponds to a 3-bit FRS word of
100 in temporary register R1.
3. Setting the pulse delay time
As the pulse delay time affects the actual minimum pulse width
seen at the PWM outputs, it is sensible to set the pulse delay time
before the pulse deletion time, so that the effect of the pulse delay
time can be allowed for when setting the pulse deletion time.
12·288 x 106
512 x 6 x 103
⇒ n =
=
= 4
AMP7 AMP6 AMP5 AMP4 AMP3 AMP2 AMP1 AMP0
AMPLITUDE
SELECT WORD
AMP7 = MSB
AMP0 = LSB
Fig.14 Temporary register R2
Amplitude selection
The power waveform amplitude is determined by scaling
the amplitude of the waveform samples stored in the ROM by
the value of the 8-bit amplitude select word (AMP).
The percentage amplitude control is given by:
where
A = decimal value of AMP.
POWER-UP C0NDITIONS
All bits in both the Initialisation and Control registers power-
up in an unidentified state. Holding RST low or using the SET
TRIP input will ensure that the PWM outputs remain inactive
(i.e., low) until the device is initialised.
Power Amplitude,
APOWER =
x 100%
fCARR =
k
512 x
fCARR
fRANGE =
x
m
⇒ m =
=
= 16
fCARR
384
fRANGE x 384
fCARR
250 x 384
6 x 103
A
255
k
512 x
n
However, the value of
pdy must be an integer. As the
purpose of the pulse delay is to prevent ‘shoot-through’ (where
both top and bottom arms of the inverter are on simultaneously),
it is sensible to round the pulse delay time up to a higher, rather
than a lower figure.
Thus, if we assign the value 16 to
pdy this gives a delay time
of 5·2
µs. From Table 6, pdy = 16 corresponds to a 6-bit PDY
word of 110000 in temporary register R2.
4. Setting the pulse deletion time
In setting the pulse deletion time (i.e., the minimum pulse
width) account must be taken of the pulse delay time, as the
actual minimum pulse width seen at the PWM outputs is equal
to
tpd – tpdy.
Therefore, the value of the pulse deletion time must, in this
instance, be set 5·2
µs longer than the minimum pulse length
required
Minimum pulse length required = 10
µs
∴ t
PD to be set to 10µs + 5·2µs = 15·2µs
Now,
⇒ pdt = f
pd x fCARR x 512
= 15·2 x 10–6 x 6 x 103 x 512 = 46·7
tpd =
Again,
pdt must be an integer and so must be either rounded
up or down – the choice of which will depend on the application.
Assuming we choose in this case the value 46 for
pdt, this gives
a value of
tpd, of 15 µs and an actual minimum pulse width of 15
– 5·2
µs = 9·8µs.
From Table 7,
pdt = 46 corresponds to a value of PDT, the
7-bit word in temporary register R0 of 1010010.
The data which must be programmed into the three temporary
registers R0, R1 and R2 (for transfer into the initialisation
register) in order to achieve the parameters in the example
given, is shown in Fig. 15.
Fig. 15
1
1
0
1
0
0
1
0
CR
PDT6 PDT5 PDT4 PDT3 PDT2 PDT1 PDT0
Temporary Register R0
1
0
0
X
X
0
1
0
Temporary Register R1
FRS2 FRS1 FRS0
X
X
CFS2 CFS2 CFS2
X
X
1
1
0
0
0
0
Temporary Register R2
X
X
PDY5 PDY4 PDY3 PDY2 PDY1 PDY0
We must calculate the value of
pdy that will give the required
pulse delay time:
⇒ pdy = t
pdy x fCARR x 512
= 5 x 10–6 x 6 x 103 x 512 = 15·4
pdy
fCARR x 512
tpdy =
pdt
fCARR x 512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com