Electronic Components Datasheet Search
  English  ▼

X  

SA8282 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SA8282
Description  Three-Phase PWM Waveform Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA8282 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SA8282 Datasheet HTML 5Page - Mitel Networks Corporation SA8282 Datasheet HTML 6Page - Mitel Networks Corporation SA8282 Datasheet HTML 7Page - Mitel Networks Corporation SA8282 Datasheet HTML 8Page - Mitel Networks Corporation SA8282 Datasheet HTML 9Page - Mitel Networks Corporation SA8282 Datasheet HTML 10Page - Mitel Networks Corporation SA8282 Datasheet HTML 11Page - Mitel Networks Corporation SA8282 Datasheet HTML 12Page - Mitel Networks Corporation SA8282 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
SA828
Fig. 17 Typical SA828 programming routine
WRITE R1
WRITE R2
WRITE R4
POWER ON
WRITE R0
RST
↓ 0
RST
↑ 1
CHANGE
CONTROL
DATA ?
CHANGE
INITIALISATION
DATA ?
YES
NO
YES
NO
WRITE R1
WRITE R2
WRITE R3
WRITE R0
WRITE R1
WRITE R2
WRITE R3
WRITE R0
WRITE
INITIALISATION
DATA
WRITE TO CONTROL
REGISTER INHIBITING
PWM OUTPUTS
BEFORE COMPLETING
RESET CYCLE
ENABLE
PWM OUTPUTS
WRITE
CONTROL
DATA
Control Register Programming Example
The control register would normally be updated many times
while the motor is running, but just one example is given here.
It is assumed that the initialisation register has already heen
programmed with the parameters given in the previous example.
A power waveform of 100Hz is required with a PWM
waveform amplitude of 80% of that stored in the ROM. The
phase sequence should be set to give forward motor rotation.The
outputs should be enabled and no overmodulation is required.
1. Setting the power frequency
The power frequency,
fPOWER, can be selected to 12-bit
accuracy (i.e 4096 equal steps) from 0Hz to
fRANGE as defined
in the initialisation register. In this case, with
fRANGE = 250Hz,
the power frequency can be adjusted in increments of 0·06Hz.
We can only have
pfs as an integer, so if we assign pfs =
1638 this gives
fPOWER = 99.97 Hz.The 12-bit binary equivalent
of this value gives a PFS word of 011001100110 in temporary
registers R0 and R1.
2. Setting overmodulation, forward/reverse, output inhibit
Overmodulation is not required therefore OM = 0.
Forward motor control is required (i.e., the phase sequence
of the PWM outputs should be red-yellow-blue) therefore forward/
reverse bit F/R = 0.
Output inhibit should be inactive (i e., the outputs should be
active), therefore INH= 1.
These bits are all set in temporary register R1.
3. Setting the power waveform amplitude
APOWER x 255
100
APOWER =x 100%
0
1
1
0
0
0
1
1
Temporary Register R0
0
0
1
X
0
1
1
0
Temporary Register R1
1
1
0
0
Temporary Register R2
1100
PFS7 PFS6 PFS5 PFS4 PFS3 PFS2 PFS1 PFS0
F/R
OM
INH
X
PFS11 PFS10 PFS9 PFS8
AMP7 AMP6 AMP5 AMP4 AMP3 AMP2 AMP1 AMP0
Fig. 16
The 8-bit binary equivalent of this value gives an AMP word
of 11001100 in temporary register R2. The data which must be
programmed into the three temporary registers R0, R1 and R2
(for transfer into the control register) in order to achieve the
parameters in the example given, is shown in Fig. 16.
80 x 255
100
⇒ A =
=
= 204
fPOWER x 4096
fRANGE
fRANGE
4096
⇒ pfs =
=
= 1638·4
100 x 4096
250
A
225
fPOWER =
x
pfs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com