Electronic Components Datasheet Search
  English  ▼

X  

PE44332 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44332
Description  75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44332 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44332 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44332 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44332 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch
Hole Spacing PE44332
URL: http://www.pasternack.com/f-female-standard-thru-hole-pcb-connector-pe44332-p.aspx
75 Ohm F Female Bulkhead Connector Solder Attachment
Thru Hole PCB, .340 inch x .091 inch Hole Spacing
PE44332
PE44332 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com