Electronic Components Datasheet Search
  English  ▼

X  

PE44332 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44332
Description  75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44332 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44332 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44332 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44332 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x .091 inch Hole
Spacing
Configuration
Connector
F Female
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, MHz
DC to 1,000
Impedance, Ohms
75
Maximum Operating Voltage, Volts
500
Dielectric Withstanding Voltage, Vrms
1,500
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
1.43 [36.32]
Width/Dia., in [mm]
0.591 [15.01]
.
Weight, lbs [g]
0.192 [87.09]
Connector
Type
F Female
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm F Female Bulkhead Connector Solder Attachment Thru Hole PCB, .340 inch x
.091 inch Hole Spacing PE44332
PE44332
PE44332 REV 01
75 Ohm F Female Bulkhead Connector Solder Attachment
Thru Hole PCB, .340 inch x .091 inch Hole Spacing


Similar Part No. - PE44332

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4433 PASTERNACK-PE4433 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For RG218
PE4433 PASTERNACK-PE4433 Datasheet
317Kb / 3P
N Male Connector Clamp/Solder Attachment
PE44330 PASTERNACK-PE44330 Datasheet
344Kb / 3P
75 Ohm F Female Bulkhead Mount Connector Solder Attachment Pin Terminal, .380 inch Diameter
PE44331 PASTERNACK-PE44331 Datasheet
213Kb / 2P
75 Ohm F Female Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
PE44333 PASTERNACK-PE44333 Datasheet
241Kb / 2P
75 Ohm F Female Right Angle Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
More results

Similar Description - PE44332

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4368 PASTERNACK-PE4368 Datasheet
278Kb / 2P
75 Ohm SMB Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44334 PASTERNACK-PE44334 Datasheet
238Kb / 2P
75 Ohm F Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .350 inch D Hole
PE44125 PASTERNACK-PE44125 Datasheet
226Kb / 3P
75 Ohm Mini SMB Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE44333 PASTERNACK-PE44333 Datasheet
241Kb / 2P
75 Ohm F Female Right Angle Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
PE44327 PASTERNACK-PE44327 Datasheet
204Kb / 2P
75 Ohm F Female Bulkhead Connector Solder Attachment Tab Terminal, .380 inch DD Hole
PE44331 PASTERNACK-PE44331 Datasheet
213Kb / 2P
75 Ohm F Female Connector Solder Attachment Thru Hole PCB, .320 inch x .091 inch Hole Spacing
PE4110 PASTERNACK-PE4110_16 Datasheet
318Kb / 3P
75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4117 PASTERNACK-PE4117_16 Datasheet
342Kb / 3P
SMA Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com