Electronic Components Datasheet Search
  English  ▼

X  

PE44494 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44494
Description  Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44494 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44494 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44494 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44494 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE44494
URL: http://www.pasternack.com/mini-smp-female-standard-pe-sr405al-pe-sr405fl-rg405-connector-pe44494-p.aspx
PE44494
PE44494 REV 1.1
Mini SMP Female Right Angle Connector Solder
Attachment For PE-SR405AL, PE-SR405FL, RG405



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com