Electronic Components Datasheet Search
  English  ▼

X  

PE44494 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44494
Description  Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44494 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44494 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44494 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44494 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
Mini SMP Female
Connector Specification
MIL-STD-348A
Connector Interface Type
PE-SR405AL, PE-SR405FL, RG405
Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range
DC to 65 GHz
Impedance
50 Ohms
Maximum Operating Voltage
325 Volts
Frequency 1
Frequency
DC to 6 GHz
Return Loss
26 dB
Insertion Loss
0.12 dB
Frequency 2
Frequency
6 to 12 GHz
Return Loss
20 dB
Insertion Loss
0.17 dB
Frequency 3
Frequency
12 to 18 GHz
Return Loss
12 dB
Mechanical Specifications
Temperature
Operating Range
-55 to +155 deg C
Size
Length
0.24 in [6.1 mm]
Width/Dia.
0.138 in [3.51 mm]
Height
0.24 in [6.1 mm]
.
Weight
0.006 lbs [2.72 g]
Connector
Type
Mini SMP Female
Contact Material and Plating
Beryllium Copper, Gold
Outer Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/19/2011
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405 PE44494
PE44494
PE44494 REV 1.1
Mini SMP Female Right Angle Connector Solder
Attachment For PE-SR405AL, PE-SR405FL, RG405


Similar Part No. - PE44494

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4449 PASTERNACK-PE4449 Datasheet
321Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44492 PASTERNACK-PE44492 Datasheet
239Kb / 3P
Mini SMP Female Connector Solder Attachment
More results

Similar Description - PE44494

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44384 PASTERNACK-PE44384 Datasheet
222Kb / 3P
SSMA Male Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
PE44275 PASTERNACK-PE44275 Datasheet
232Kb / 3P
SMP Female Right Angle Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44387 PASTERNACK-PE44387 Datasheet
225Kb / 3P
SSMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44772 PASTERNACK-PE44772 Datasheet
269Kb / 3P
SMP Female Right Angle Connector Solder Attachment For RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
PE44786 PASTERNACK-PE44786 Datasheet
479Kb / 2P
SMP Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405/U
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
PE45248 PASTERNACK-PE45248 Datasheet
369Kb / 4P
SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com