Electronic Components Datasheet Search
  English  ▼

X  

TMP302 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP302
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments TMP302 Datasheet HTML 11Page - Texas Instruments TMP302 Datasheet HTML 12Page - Texas Instruments TMP302 Datasheet HTML 13Page - Texas Instruments TMP302 Datasheet HTML 14Page - Texas Instruments TMP302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TMP302
TRIPSET0
TRIPSET1
HYSTSET
GND
VS
OUT
OUTPUT
VS
1.4 V to 3.6 V
10 k
0.1 F
TMP302
www.ti.com
SBOS488C – JUNE 2009 – REVISED AUGUST 2015
Typical Application (continued)
Figure 11 shows the most generic implementation of the TMP302 family of devices. Switches are shown
connecting the TMPSET0, TMPSET1, and HYSTSET pins to either VS or ground. The use of switches is not
strictly required; the switches are shown only to illustrate the various pin connection combinations. In practice,
connecting the TMPSET0, TMPSET1, and HYSTSET pins to ground or directly to the VS pin is sufficient and
minimizes space and cost. If additional flexibility is desired, connections from the TMPSET0, TMPSET1, and
HYSTSET pins can be made through 0-
Ω resistors which can be either populated or not populated depending
upon the desired connection.
Figure 11. TMP302 Generic Application Schematic
8.2.1 Design Requirements
Designing with the TMP302 family of devices is simple. The TMP302 is a temperature switch commonly used to
signal a microprocessor in the event of an over temperature condition. The temperature at which the TMP302
issues an active low alert is determined by the configuration of the TRIPSET0 and TRIPSET1 pins. These two
pins are digital inputs and must be tied either high or low, according to Table 1. The TMP302 will issue an active
low alert when the temperature threshold is exceeded. To avoid the TMP302 signaling the microprocessor as
soon as the temperature drops below the temperature threshold the TMP302 has built-in hysteresis. The amount
of hysteresis is determined by the Hystest pin. This pin is a digital input and must be tied either high or low,
according to Table 2.
See Figure 10 and Figure 11 for typical circuit configurations.
8.2.2 Detailed Design Procedure
Determine the threshold temperature and hysteresis required for the application. Connect the TMPSET0,
TMPSET1, and HYSTSET pins according to the application requirements. Refer to Table 1 and Table 2. Use a
10-k
Ω pullup resistor from the OUT pin to the VS pin. To minimize power, a larger-value pullup resistor can be
used but must not exceed 100 k
Ω. Place a 0.1-µF bypass capacitor close to the TMP302 device to reduce noise
coupled from the power supply.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com