Electronic Components Datasheet Search
  English  ▼

X  

TMP302 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP302
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments TMP302 Datasheet HTML 11Page - Texas Instruments TMP302 Datasheet HTML 12Page - Texas Instruments TMP302 Datasheet HTML 13Page - Texas Instruments TMP302 Datasheet HTML 14Page - Texas Instruments TMP302 Datasheet HTML 15Page - Texas Instruments TMP302 Datasheet HTML 16Page - Texas Instruments TMP302 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TRIPSET0
TRIPSET1
GND
OUT
VS
HYSTSET
Heat Source
0.1 µF
VIA to Power Ground Plane
Ground Plane for
Thermal
Coupling to Heat
Source
Supply Voltage
Output
10 k
TMP302
www.ti.com
SBOS488C – JUNE 2009 – REVISED AUGUST 2015
9 Power Supply Recommendations
The TMP302 family of devices is designed to operate from a single power supply within the range 1.4 and 3.6 V.
No specific power supply sequencing with respect to any of the input or output pins is required. The TMP302
family of devices is fully functional within 35 ms of the voltage at the VS pin reaching or exceeding 1.4 V.
10 Layout
10.1 Layout Guidelines
Place the power supply bypass capacitor as close as possible to the VS and GND pins. The recommended value
for this bypass capacitor is 0.1-µF. Additional bypass capacitance can be added to compensate for noisy or high-
impedance power supplies. Place a 10-k
Ω pullup resistor from the open drain OUT pin to the power supply pin
VS.
10.2 Layout Example
Figure 14. PCB Layout Example
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com