Electronic Components Datasheet Search
  English  ▼

X  

TMP435 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP435
Description  짹1째C TEMPERATURE SENSOR with Series-R,n-Factor, Automatic Beta Compensation and Programmable Addressing
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP435 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP435 Datasheet HTML 13Page - Texas Instruments TMP435 Datasheet HTML 14Page - Texas Instruments TMP435 Datasheet HTML 15Page - Texas Instruments TMP435 Datasheet HTML 16Page - Texas Instruments TMP435 Datasheet HTML 17Page - Texas Instruments TMP435 Datasheet HTML 18Page - Texas Instruments TMP435 Datasheet HTML 19Page - Texas Instruments TMP435 Datasheet HTML 20Page - Texas Instruments TMP435 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
TMP435
www.ti.com
SBOS495A – MARCH 2010 – REVISED APRIL 2010
Conversion Rate Register
If the Beta Compensation Configuration Register is
set to '0111' (beta correction disabled) for a given
The Conversion Rate Register (pointer address 0Ah)
channel, the automatic detection is bypassed and the
controls the rate at which temperature conversions
temperature
is
measured
assuming
a
are performed. This register adjusts the idle time
diode-connected sensor. A PNP transistor may
between conversions but not the conversion timing
continue to be GND collector-connected in this mode,
itself, thereby allowing the TMP435 power dissipation
but no beta compensation factor is applied. When the
to be balanced with the temperature register update
beta correction is set to '0111' or the sensor is
rate. Table 7 shows the conversion rate options and
diode-connected (base shorted to collector), the
corresponding current consumption.
n-factor used by the TMP435 is 1.008. When the beta
correction
configuration
is
set
to
'1xxx'
(beta
Beta Compensation Configuration Register
correction
enabled)
and
the
sensor
is
GND
collector-connected (PNP collector to ground), the
If the Beta Compensation Configuration Register is
n-factor used by the TMP435 is 1.000. Table 8 shows
set to '1xxx' (beta correction enabled) for a given
the read value for the selected beta ranges and the
channel at the beginning of each temperature
appropriate n-factor used for each conversion.
conversion, the TMP435 automatically detects if the
sensor
is
diode-connected
or
GND
collector-connected, selects the proper beta range,
and measures the sensor temperature appropriately.
Table 7. Conversion Rate Register
CONVERSION RATE REGISTER (Read = 04h, Write = 0Ah, POR = 07h)
AVERAGE IQ (TYP)
(mA)
R7
R6
R5
R4
R3
R2
R1
R0
CONVERSION/SEC
VS = 2.7V VS = 5.5V
0
0
0
0
0
0
0
0
0.0625
11
32
0
0
0
0
0
0
0
1
0.125
17
38
0
0
0
0
0
0
1
0
0.25
28
49
0
0
0
0
0
0
1
1
0.5
47
69
0
0
0
0
0
1
0
0
1
80
103
0
0
0
0
0
1
0
1
2
128
155
0
0
0
0
0
1
1
0
4
190
220
07h to 0Fh
8
373
413
Table 8. Beta Compensation Configuration Register
BCx3-BCx0
BETA RANGE DESCRIPTION
n-FACTOR
TIME
1000
Automatically selected range 0 (0.10 < beta < 0.18)
1.000
126ms
1001
Automatically selected range 1 (0.16 < beta < 0.26)
1.000
126ms
1010
Automatically selected range 2 (0.24 < beta < 0.43)
1.000
126ms
1011
Automatically selected range 3 (0.35 < beta < 0.78)
1.000
126ms
1100
Automatically selected range 4 (0.64 < beta < 1.8)
1.000
126ms
1101
Automatically selected range 5 (1.4 < beta < 9.0)
1.000
126ms
1110
Automatically selected range 6 (6.7 < beta < 40.0)
1.000
126ms
1111
Automatically selected range 7 (beta > 27.0)
1.000
126ms
1111
Automatically detected diode connected sensor
1.008
93ms
0000
Manually selected range 0 (0.10 < beta < 0.5)
1.000
93ms
0001
Manually selected range 1 (0.13 < beta < 1.0)
1.000
93ms
0010
Manually selected range 2 (0.18 < beta < 2.0)
1.000
93ms
0011
Manually selected range 3 (0.3 < beta < 25)
1.000
93ms
0100
Manually selected range 4 (0.5 < beta < 50)
1.000
93ms
0101
Manually selected range 5 (1.1 < beta < 100)
1.000
93ms
0110
Manually selected range 6 (2.4 < beta < 150)
1.000
93ms
0111
Manually disabled beta correction
1.008
93ms
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TMP435



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com