Electronic Components Datasheet Search
  English  ▼

X  

SP5054 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5054
Description  2.6GHz 3-Wire BUS Controlled Synthesiser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5054 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5054 Datasheet HTML 1Page - Mitel Networks Corporation SP5054 Datasheet HTML 2Page - Mitel Networks Corporation SP5054 Datasheet HTML 3Page - Mitel Networks Corporation SP5054 Datasheet HTML 4Page - Mitel Networks Corporation SP5054 Datasheet HTML 5Page - Mitel Networks Corporation SP5054 Datasheet HTML 6Page - Mitel Networks Corporation SP5054 Datasheet HTML 7Page - Mitel Networks Corporation SP5054 Datasheet HTML 8Page - Mitel Networks Corporation SP5054 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SP5054
ELECTRICAL CHARACTERISTICS
TAMB = 20°C to 80°C, VCC = 4·5V to 5·5V. Frequency standard = 4MHz. All pin connections refer to DP package.
These Characteristics are guaranteed by either production test or design. They apply within the specified ambient temperature
and supply voltage ranges unless otherwise stated.
Supply current
Prescaler input voltage
Prescaler input voltage
Prescaler input impedance
Input capacitance
High level input voltage
Low level input voltage
High level input current
Low level input current
Low level input current
High level input current
Low level input current
Clock inout hysteresis
Clock rate
Data set up time, t2
Data hold time, t3
Enable set up time, t1
Enable hold time, t5
Clock-to-enable time, t4
Charge pump output current
Charge pump output leakage current
Drift due to leakage
Charge pump drive output current
Charge pump amplifier gain
Oscillator temperature stability
Oscillator stability with supply voltage
Recommended crystal series resistance
Crystal oscillator drive level
Crystal oscillator source impedance
Ports and Lock Output
Sink current
Port leakage current
Varactor drive amplifier disable
Charge pump disable
Typ.
Value
Conditions
Characteristic
Pin
14
15,16
15,16
4,5,10
4,5,10
4,5,10
5
4,10
3
3
5
5
4
4
10
10
10
1
1
18
2
2
6-9,11
6-9
10
4
50
100
3
0
300
600
300
600
300
1
10
10
350
350
65
50
2
0·4
150
6400
40
400
80
400
400
VCC
0·7
1
5
250
700
700
0·5
5
5
2
2
200
10
Units
Min.
Max.
mA
mVrms
mVrms
Ω
pF
V
V
µA
µA
µA
µA
µA
V
MHz
ns
ns
ns
ns
ns
µA
nA
mV/s
mA
ppm/°C
ppm/V
Ω
mV p-p
Ω
mA
µA
µA
µA
VCC = 5V
500MHz to 2·6GHz sinewave
120MHz and 500MHz, see Fig. 6
VIN = 5·5V, VCC = 5·5V
VIN = 0V, VCC = 5·5V
VIN = 0V, VCC = 5·5V
VIN = 5·5V, VCC = 5·5V
VIN = 0V, VCC = 5·5V
See Fig. 4
See Fig. 4
See Fig. 4
See Fig. 4
See Fig. 4
V pin 1 = 2·0V
V pin 1 = 2·0V
At collector of external transistor
V pin 18 = 0·7V
I pin 18 = 100µA
Parallel resonant crystal (note 1)
Nominal spread =
15%
VOUT = 0·7V
VOUT = 13·2V
VIN < 0V
VIN < 0V
NOTE 1. The maximum resistance quoted refers to all conditions, including start-up.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com