Electronic Components Datasheet Search
  English  ▼

X  

SP5054 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5054
Description  2.6GHz 3-Wire BUS Controlled Synthesiser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5054 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5054 Datasheet HTML 1Page - Mitel Networks Corporation SP5054 Datasheet HTML 2Page - Mitel Networks Corporation SP5054 Datasheet HTML 3Page - Mitel Networks Corporation SP5054 Datasheet HTML 4Page - Mitel Networks Corporation SP5054 Datasheet HTML 5Page - Mitel Networks Corporation SP5054 Datasheet HTML 6Page - Mitel Networks Corporation SP5054 Datasheet HTML 7Page - Mitel Networks Corporation SP5054 Datasheet HTML 8Page - Mitel Networks Corporation SP5054 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
SP5054
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE = 0V
Supply voltage
RF input voltage
Port voltage
Prescaler DC offset
Loop amplifier DC offset
Crystal oscillator DC offset
Data bus inputs
Storage temperature
Junction temperature
DP18 thermal resistance, chip-to-ambient
DP18 thermal resistance, chip-to-case
MP16 thermal resistance, chip-to-ambient
MP16 thermal resistance, chip-to-case
Power consumption at 5·5V
Parameter
Conditions
12
13,14
6-9
6-9
13-14
1,16
2
4,5,10
Max.
Min.
Units
7
2·5
14
6
VCC 0·3
VCC 0·3
VCC 0·3
VCC 0·3
150
150
78
24
111
41
484
Value
0·3
0·3
0·3
0·3
0·3
0·3
0·3
55
V
V p-p
V
V
V
V
V
V
°C
°C
°C/W
°C/W
°C/W
°C/W
mW
Port in off state
Port in on state
With VCC applied
Pin
SP5054
SP5054S
14
15,16
6-9
6-9
15,16
1,18
2
4,5,10
Fig. 2 Typical input impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com