Electronic Components Datasheet Search
  English  ▼

X  

SL25241C Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SL25241C
Description  1.3GHz Dual Wideband Logarithmic Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL25241C Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SL25241C Datasheet HTML 1Page - Mitel Networks Corporation SL25241C Datasheet HTML 2Page - Mitel Networks Corporation SL25241C Datasheet HTML 3Page - Mitel Networks Corporation SL25241C Datasheet HTML 4Page - Mitel Networks Corporation SL25241C Datasheet HTML 5Page - Mitel Networks Corporation SL25241C Datasheet HTML 6Page - Mitel Networks Corporation SL25241C Datasheet HTML 7Page - Mitel Networks Corporation SL25241C Datasheet HTML 8Page - Mitel Networks Corporation SL25241C Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SL2524
3
Supply current
Small signal gain (dual stage,
single ended)
Detected output current (max)
Detected output current
(no signal)
Upper cut off frequency (RF)
Lower cut off frequency (RF)
Detector cut off frequency
Limited IF O/P voltage
Phase variation with input level
(normalised to -30dBm)
Limited O/P var with temp.
Noise figure
Max I/P before overload
Input impedance
Output impedance
ELECTRICAL CHARACTERISTICS - SL2524B
Guaranteed at the following test conditions unless otherwise stated
Frequency = 200MHz, Tamb = +25
°C, Input power = -30dBm, VCC = 6V ±0.1V, Source Impedance = 50Ω.
Load impedance = 50
Ω, Test Circuit = Fig. 4, R
SET = 300Ω.
Tested as a dual stage.
mA
dB
dB
dB
dB
dB
dB
dB
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
mV
Degree
Degree
mV
dB
dBm
k
Ω
Ω
Typ
87
11.4
11.6
11.3
11.0
11.2
10.7
9.7
3.45
3.25
3.30
3.30
3.10
3.15
3.10
0.95
0.93
0.90
1100
1100
800
0.35
700
155
0
±2.0
-4.0
±2.0
±12
14
15
1
50
Min
70
9.6
10.1
9.9
9.5
9.7
9.3
8.2
3.20
3.05
3.15
3.10
2.80
2.90
2.85
0.85
0.80
0.80
600
900
600
135
Max
100
13.0
13.1
12.7
12.5
12.7
12.1
11.2
3.70
3.45
3.45
3.50
3.30
3.45
3.65
1.15
1.10
1.10
1
175
0
±3.0
-4.0
±3.0
±25
Value
Units
Conditions
Characteristic
Tamb = +25
°C f = 25MHz See Notes 1, 3
Tamb = -40
°C f = 200MHz See Notes 2, 3
Tamb = +25
°C f = 200MHz See Note 3
Tamb = +85
°C f = 200MHz See Notes 2, 3
Tamb = -40
°C f = 500MHz See Notes 2, 3
Tamb = +25
°C f = 500MHz See Note 3
Tamb = +85
°C f = 500MHz See Notes 2, 3
Tamb = +25
°C, V
IN = 0dBm, f = 25MHz
See Note 1
Tamb = -40
°C, V
IN = 0dBm, f = 200MHz
See Note 2
Tamb = +25
°C, V
IN = 0dBm, f = 200MHz
Tamb = +85
°C, V
IN = 0dBm, f = 200MHz
See Note 2
Tamb = -40
°C, V
IN = 0dBm, f = 500MHz
See Note 2
Tamb = +25
°C, V
IN = 0dBm, f = 500MHz
Tamb = +85
°C, V
IN = 0dBm, f = 500MHz
See Note 2
Tamb = -40
°C, See Note 2
Tamb = +25
°C, See Note 2
Tamb = +85
°C, See Note 2
-3dB w.r.t 200MHz, Tamb = -40
°C
See Note 2
-3dB w.r.t 200MHz, Tamb = +25
°C
-3dB w.r.t 200MHz, Tamb = +85
°C
See Note 2
-3dB w.r.t 200MHz, Tamb = +25
°C
50% O/P current w.r.t. 200MHz
I/P power = 0dBm, Tamb = +25
°C
Frequency = 70MHz, -55 to +3dBm
See Note 2
Frequency = 200MHz, -55 to +3dBm
See Note 2
See Note 1
1k
Ω in parallel with 2pF
NOTES
1.
Parameter guaranteed but not tested
2.
Tested at 25
°C only, but guaranteed at temperature
3.
Gain will typically increase by 6dB, when RF outputs use 1k
Ω loads in place of 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com