Electronic Components Datasheet Search
  English  ▼

X  

SL25241C Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # SL25241C
Description  1.3GHz Dual Wideband Logarithmic Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL25241C Datasheet(HTML) 5 Page - Mitel Networks Corporation

  SL25241C Datasheet HTML 1Page - Mitel Networks Corporation SL25241C Datasheet HTML 2Page - Mitel Networks Corporation SL25241C Datasheet HTML 3Page - Mitel Networks Corporation SL25241C Datasheet HTML 4Page - Mitel Networks Corporation SL25241C Datasheet HTML 5Page - Mitel Networks Corporation SL25241C Datasheet HTML 6Page - Mitel Networks Corporation SL25241C Datasheet HTML 7Page - Mitel Networks Corporation SL25241C Datasheet HTML 8Page - Mitel Networks Corporation SL25241C Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SL2524
5
GENERAL DESCRIPTION
The SL2524 is primarily intended for use in Radar and EW
receivers. Six stages (3 chip carriers) can be cascaded to form
a very wideband logarithmic ampifier offering >65dB of input
dynamic range, with pulse handling of better than 25ns. (See
figs 5 and 6.)
A six stange strip also offers balanced IF limiting, linearity
(log accuracy) of <
±1.0dB, temperature stabilisation and
programmable detector characteristics.
The detector has an external resistor set (R
SET) pin which
allows the major characteristics of the detector to be
programmed. With six stage strip it is possible to vary the
value of R
SET on each detector and so improve the overall log
error/linearity.
The detector is full wave and good slew rates are achieved
with 2ns rise and 5ns fall times (no video filter). The video
bandwidth of a six stage strip is typically 600MHz (-3dB).
The amplifier also offers balanced IF limiting, low phase
shift versus input amplitude, and at an IF of 120MHz, less than
5
° of phase change is achievable over the input level of
-55dBm to +5dBm.
The IF and Video ports can be used simultaneously, so
offering phase, frequency and pulse (video) information. A
slight loss of dynamic range (2dB) will be observed when the
IF ports are used in conjunction with the video.
Fig.4 Test circuit
Fig.5 Schematic diagram showing configuration of SD Log strip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com