Electronic Components Datasheet Search
  English  ▼

X  

SP5748 Datasheet(PDF) 9 Page - Mitel Networks Corporation

Part # SP5748
Description  2.4GHz Very Low Phase Noise PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5748 Datasheet(HTML) 9 Page - Mitel Networks Corporation

Back Button SP5748 Datasheet HTML 5Page - Mitel Networks Corporation SP5748 Datasheet HTML 6Page - Mitel Networks Corporation SP5748 Datasheet HTML 7Page - Mitel Networks Corporation SP5748 Datasheet HTML 8Page - Mitel Networks Corporation SP5748 Datasheet HTML 9Page - Mitel Networks Corporation SP5748 Datasheet HTML 10Page - Mitel Networks Corporation SP5748 Datasheet HTML 11Page - Mitel Networks Corporation SP5748 Datasheet HTML 12Page - Mitel Networks Corporation SP5748 Datasheet HTML 13Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
SP5748 Advance Information
LOOP BANDWIDTH
The majority of applications for which the SP5748 is
intended require a loop filter bandwidth of between
2kHz and10kHz.
Typically the VCO phase noise will be specified at both
1kHz and10kHz offset. It is common practice to arrange
the loop filter bandwidth such that the 1kHz figure lies
within the loop bandwidth. Thus the phase noise
depends on the synthesiser comparator noise floor,
rather than the VCO.
The 10kHz offset figure should depend on the VCO
providing the loop is designed correctly, and is not
underdamped.
REFERENCE SOURCE
The SP5748 offers optimal LO phase noise
performance when operated with a large step size. This
is due to the fact that the LO phase noise within the loop
bandwidth is:
phase comparator
LO frequency
noise floor
+ 20 log
10
phase comparator frequency
Assuming the phase comparator noise floor is flat
irrespective of sampling frequency, this means that the
best performance will be achieved when the overall LO
to phase comparator division ratio is a minimum.
There are two ways of achieving a higher phase
comparator sampling frequency:–
A) Reduce the division ratio between the reference
source and the phase comparator
B) use a higher reference source frequency.
Approach B) may be preferred for best performance
since it is possible that the noise floor of the reference
oscillator may degrade the phase comparator
performance if the reference division ratio is very small.
APPLICATION NOTES
A generic set of application notes AN168 for designing
withsynthesisers such as the SP5748 has been written.
This covers aspects such as loop filter design and
decoupling. Thisapplication note is also featured in the
Media Data Book, or refer to the Mitel Semiconductor
Internet Site http://www.Mitelsemi.com. A generic test/
demo board has been produced which can be used for
the SP5748. A circuit diagram is shown in Figure 12.
The board can be used for the following purposes:
(A) Measuring RF sensitivity performance.
(B) Indicating port function.
(C) Synthesising the voltage controlled oscillator.
(D) Testing of external reference.
(E) Measurement of phase noise performance.
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com