Electronic Components Datasheet Search
  English  ▼

X  

SP5748 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP5748
Description  2.4GHz Very Low Phase Noise PLL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5748 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP5748 Datasheet HTML 1Page - Mitel Networks Corporation SP5748 Datasheet HTML 2Page - Mitel Networks Corporation SP5748 Datasheet HTML 3Page - Mitel Networks Corporation SP5748 Datasheet HTML 4Page - Mitel Networks Corporation SP5748 Datasheet HTML 5Page - Mitel Networks Corporation SP5748 Datasheet HTML 6Page - Mitel Networks Corporation SP5748 Datasheet HTML 7Page - Mitel Networks Corporation SP5748 Datasheet HTML 8Page - Mitel Networks Corporation SP5748 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SP5748 Advance Information
ELECTRICAL CHARACTERISTICS (continued)
These characteristics are guaranteed by either production test or design. They apply within the specified
ambient temperature and supply voltage unless otherwise stated.
T
AMB = -40°C to 80°C, VCC =+ 4·5V to +5·5V
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Clock rate
6
500
kHz
Bus timing -
5,6,4
See Figure4
data set up
300
ns
data hold
600
ns
enable set up
300
ns
enable hold
600
ns
clock to enable
300
ns
Charge pump output
1
See Figure 5,
current
Vpin1 = 2V
Charge pump output
1
+-3
+-10
nA
Vpin1=2V
leakage
Charge pump drive
14
0.5
mA
Vpin 14=0.7V
output current
Crystal frequency
2,3
2
20
MHz
See Figure 6 for application
Recommended crystal
10
200
Ω
4 MHz parallel resonant
crystal. series resistance
Oscillator temperature
TBC
ppm/
o
C
stability
Oscillator supply voltage
TBC
ppm/V
stability
External reference input
2
2
20
MHz
Sinewave coupled through
frequency
TBA nF blocking capacitor
External reference drive
2
0.2
0.5
Vpp
Sinewave coupled through
level
TBA nF blocking capacitor
Buffered reference
9
AC coupled
frequency output *
output amplitude
0.35
Vpp
2-20MHz
output impedance
TBC
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com