Electronic Components Datasheet Search
  English  ▼

X  

SP8853 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP8853
Description  1쨌3GHz Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8853 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP8853 Datasheet HTML 4Page - Mitel Networks Corporation SP8853 Datasheet HTML 5Page - Mitel Networks Corporation SP8853 Datasheet HTML 6Page - Mitel Networks Corporation SP8853 Datasheet HTML 7Page - Mitel Networks Corporation SP8853 Datasheet HTML 8Page - Mitel Networks Corporation SP8853 Datasheet HTML 9Page - Mitel Networks Corporation SP8853 Datasheet HTML 10Page - Mitel Networks Corporation SP8853 Datasheet HTML 11Page - Mitel Networks Corporation SP8853 Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
SP8853A/B
6k
50
µA
3, 14, 6
6k
VCC4
VEE4
62·5k
37·5k
500
500
13·25k
1250
1250
0·8mA
10
11
RF INPUT
RF INPUT
VCC1
VEE1
10k
12k
50
µA
15, 16
12k
VCC4
VEE4
77·5k
27·5
µA
24k
176k
Fig. 8a RF preamplifer inputs
Fig. 8b F1/F2 data and
power down inputs
Fig. 8c Hysteresis inputs, data clock
and enable
20
VCC2
VEE2
24k
100
µA
50
µA
21
Fig. 8d Oscillator pins
VCC3
VEE3
27
80k
35k
Fig. 8e Lock detect output
VCC4 (CP1) / VCC3 (CP2)
VEE4 (CP1) / VEE3 (CP2)
Fig. 8f Phase detector charge pumps
VCC
3, 25
VEE
f UP
f DOWN
f UP
f DOWN
FROM M OR R
COUNTERS
OUTPUT
ENABLE
10k
VEE4
VCC4
4, 5
50
µA
100
µA
Fig. 8h FPD and FREF outputs
Fig. 8g Charge pump 2 current
programming
VEE3
VCC3
RPD
(See Table 1)
EXTERNAL
RESISTOR
24
Fig. 8 Input and output interface diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com