Electronic Components Datasheet Search
  English  ▼

X  

SP8853 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8853
Description  1쨌3GHz Professional Synthesiser
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8853 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8853 Datasheet HTML 1Page - Mitel Networks Corporation SP8853 Datasheet HTML 2Page - Mitel Networks Corporation SP8853 Datasheet HTML 3Page - Mitel Networks Corporation SP8853 Datasheet HTML 4Page - Mitel Networks Corporation SP8853 Datasheet HTML 5Page - Mitel Networks Corporation SP8853 Datasheet HTML 6Page - Mitel Networks Corporation SP8853 Datasheet HTML 7Page - Mitel Networks Corporation SP8853 Datasheet HTML 8Page - Mitel Networks Corporation SP8853 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SP8853A/B
1·3GHz Professional Synthesiser
The SP8853 is a low power single chip synthesiser
intended for professional radio applications, containing all the
elements (apart from the loop amplifier) required to build a PLL
frequency synthesis loop
The device is serially programmable by a three-wire data
highway and contains three independent buffers to store one
reference divider word and two local oscillator divider words.
A digital phase detector with two charge pumps,
programmable in phase and gain, are provided to improve
lock-up performance. The preset operation of the charge
pumps can be overwritten or the comparison frequencies
switched to output ports under control of the divider word. The
dual modulus ratio and so operating range is also
programmable through the same word.
A power down mode is incorporated as a battery economy
feature.
The SP8853 is specified at 1·3GHz at 255
°C to1125°C (A
grade) and 240
°C to185°C (B grade).
Supersedes March 1997 version, DS2352 - 3.0
DS2352 - 4.0 March 1998
FEATURES
s Improved Digital Phase Detector Eliminates
‘Dead Band’ Effects
s Low Operating Power, Typically 175mW
s 1·3GHz Operating Frequency
s Complete Phase Locked Loop
s High Input Sensitivity
s Programmed throughThree-Wire Bus
s Wide Range of Reference Division Ratios
s Local Storage for Two Frequency Words, giving
Rapid Frequency Toggling
s Programmable Phase Detector Gain
s Power Down Mode
ABSOLUTE MAXIMUM RATINGS
Supply voltage
Storage temperature
Prescaler input voltage
2
0·3V to 17V
2
55
°C to 1150°C
2·5V p-p
Fig. 1 Pin identification diagram (top view)
ORDERING INFORMATION
SP8853/A/HC Military temperature range
SP8853/B/HC Industrial temperature range
432
1
28
27
26
12
13
14
15
16
17
18
5
6
7
8
9
10
11
25
24
23
22
21
20
19
PD2 OUTPUT
RPD
VCC3
GROUND
XTAL 1
XTAL2
VEE2
FREF*
POWER DOWN
VEE4
VCC4
VCC1
RF INPUT
RF INPUT
SP8853
HC28
*FPD and FREF outputs are reversed by the phase
detector sense bit in the F1/F2 programming word. The
above diagram is correct when the sense bit is low. See
Table 2 and Fig. 7.
VCC1, VEE1 – preamplifier and prescaler supplies
VCC2, VEE2 – oscillator supplies
VCC3, VEE3 – charge pump 2 supplies
VCC4, VEE4 – ECL supplies


Similar Part No. - SP8853

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8853/A/DG ZARLINK-SP8853/A/DG Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
SP8853/AC/DG ZARLINK-SP8853/AC/DG Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
More results

Similar Description - SP8853

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP8858 MITEL-SP8858 Datasheet
275Kb / 17P
1쨌5GHz Professional Synthesiser
SP8861 MITEL-SP8861 Datasheet
200Kb / 13P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
Zarlink Semiconductor I...
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8853A ZARLINK-SP8853A Datasheet
287Kb / 14P
1.3 GHz Professional Synthesiser
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
2.8GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
1쨌5GHz Professional Synthesiser
SP8861 ZARLINK-SP8861 Datasheet
282Kb / 15P
1쨌3GHz Low Power Single-Chip Frequency Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
2.8GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com