Electronic Components Datasheet Search
  English  ▼

X  

VP520S Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # VP520S
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520S Datasheet(HTML) 4 Page - Mitel Networks Corporation

  VP520S Datasheet HTML 1Page - Mitel Networks Corporation VP520S Datasheet HTML 2Page - Mitel Networks Corporation VP520S Datasheet HTML 3Page - Mitel Networks Corporation VP520S Datasheet HTML 4Page - Mitel Networks Corporation VP520S Datasheet HTML 5Page - Mitel Networks Corporation VP520S Datasheet HTML 6Page - Mitel Networks Corporation VP520S Datasheet HTML 7Page - Mitel Networks Corporation VP520S Datasheet HTML 8Page - Mitel Networks Corporation VP520S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VP520S
4
When it receives a REQYUV response from the next
system component, it starts to output a macroblock by using
an output strobe derived by dividing down the clock input.
Detailed timing is given in Figure 3. This strobe only occurs
when data is available at the output pins and at a rate of
SYSCLK/4. The 'Request Macroblock' flag must go inactive
and then active again before a further macroblock is made
available.
The Frame Ready flag is only available on the output pin
if the Frame Enable Bit is set in Control Register 1. Through
this control bit a host controller is able to determine whether a
new frame is to be compressed and transmitted. In an alterna-
tive arrangement the control bit can be permanently set, and
the Frame Ready Flag is then used as an interrupt to the host
controller. It then generates a signal which is used as the
Frame Ready signal for the next device.
The following sections describe this interface as it applies
to the VP2611 H261 Video Encoder.
TRANSFERING MACROBLOCKS TO THE VP2611
When the VP520S has stored a complete field of deci-
mated video in the DRAM, it raises a Frame Ready Flag ( FSIG
). If the bit in Control Register 1 does not inhibit the output, this
flag becomes the FRMIN input on the VP2611. This responds
to the FRMIN input by generating a Request for Macroblock
Data ( REQYUV ). The VP2611 MUST then receive a com-
plete macroblock ( 384 bytes ) within 1870 cycles of the
system clock. When the VP520S is producing decimated CIF/
QCIF data, writing line data to the DRAM has priority, and only
four macroblock read operations are possible in every 32
clock cycles i.e. one read takes eight cycles. These, however,
are 16 bit word operations and it thus requires 384 x 8/2 = 1536
cycles to output the data. In addition there is a maximum delay
of 60 clock periods from receiving REQYUV to producing the
first output strobe (MCLK). This is still well within the time
available.
The four 16 bit words are stored in the VP520S and
transmitted to the VP2611 as eight bytes using a strobe
( MCLK ) derived from the system clock. This is only present
when valid data is available, and it drives the PCLK input on
the VP2611.
It takes the VP2611 almost exactly all the available time at
30 Hz frame rates to process all the macroblocks. After a field
time ( half an interlaced frame ) the VP520S will start to write
new data to the DRAM, and data could be overwritten during
the last macroblocks. Since there is available space in the
DRAM, a small address offset is used between video fields to
avoid this problem.
INTERPOLATE MODE
In this mode the VP520S expects to receive CIF/QCIF
data in macroblock format, which it then writes to an external
frame store. This is then read back in line format and passed
through vertical and horizontal interpolating filters to produce
two fields of CCIR601 video. Detailed input timing is given in
Figure 4.
FSIG automatically becomes an input which is used to
identify the start of a frame and to reset the internal address
counter. FSIG must stay high until a complete CIF/QCIF frame
has been received ( internal logic counts macroblocks ). If
FSIG goes low early then the complete frame will be ignored,
and the previously received frame will continue to be dis-
played.
An input strobe, derived by dividing the system clock by
four, must also be provided in order to input data. This must
only be present when valid data is available on the input pins.
Incoming macroblocks are byte wide, and these are internally
buffered to allow four 16 bit words to be written to the DRAM
every 32 system clock cycles. This is equivalent to a byte input
rate of SCLK/4 which must not be exceeded.
The CIF frame store is double buffered such that a new
frame can be received whilst the previous one is being
displayed. In fact the use of 256K x 16 DRAM's gives sufficient
capacity for more than three complete CIF frames, and the
internal address generator will simply roll around to make full
use of the available space.
Once a complete CIF/QCIF frame has been received, it will
normally be used to generate two interlaced PAL or NTSC
fields. These fields continue to be re-generated until a com-
plete new CIF frame has been received. The rate of receiving
frames depends on the transmission bandwidth, but the
maximum rate is 30 Hz. The changeover to the newly received
frame will occur when the VP520S has finished generating
any one of the pair of interlaced fields for display, it does not
First Cr Component Valid
First O/P Valid
HBLANK
O/P
INPUT
CLOCK
LUM
OUTPUT
CREF
O/P
20ns
max
Second O/P Valid
CHROM
O/P
First Cb
Valid
20ns max
20ns
max
20ns max
20ns max
20ns max
20ns max
33ns min
MCLK
I/P
FSIG
I/P
Second I/P
First I/P
40ns min
40ns min
4SCLK min
10ns min 2ns min
DATA
I/P
Fig 4 : Macroblock Input Timing
Fig 5 : Luminance and Chrominance Output Timing
Table 1. External DRAM Timing Requirements
t RAC
Access time from RAS
-
105ns or under
t CAC
Access time from CAS
-
25ns or under
t RP
RAS precharge time
50ns or under
-
t CP
CAS precharge time
12ns or under
-
t RAS
RAS pulse width
80ns or under
-
t CAS
CAS pulse width
50ns or under
-
t REF
Time between
complete refreshes
-
4 ms or over
(8 ms with 256k x n)
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
N.B. All times are quoted assuming 27MHz operation. For lower clock
frequencies increase the above values proportionately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com