Electronic Components Datasheet Search
  English  ▼

X  

VP520S Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # VP520S
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520S Datasheet(HTML) 5 Page - Mitel Networks Corporation

  VP520S Datasheet HTML 1Page - Mitel Networks Corporation VP520S Datasheet HTML 2Page - Mitel Networks Corporation VP520S Datasheet HTML 3Page - Mitel Networks Corporation VP520S Datasheet HTML 4Page - Mitel Networks Corporation VP520S Datasheet HTML 5Page - Mitel Networks Corporation VP520S Datasheet HTML 6Page - Mitel Networks Corporation VP520S Datasheet HTML 7Page - Mitel Networks Corporation VP520S Datasheet HTML 8Page - Mitel Networks Corporation VP520S Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
VP520S
5
necessarily have to have generated two interlaced fields from
the received frame. If the VP520S is receiving frames at the
full CIF 30 Hz frame rate but only displaying PAL frames at 25
Hz, then periodically one of the PAL frames ( comprising two
interlaced fields at 50 Hz ) will be generated from two received
CIF/QCIF frames. An incoming CIF/QCIF frame will always be
used since the interlaced field rate is always greater than 30
Hz in either PAL or NTSC.
The data is read from the frame store such that interpo-
lated data becomes available after programmed delays refer-
enced to the VREF and HREF signals. Six bits are available
to define the line delay, and ten are provided to define the
delay from HREF in CREF periods. The actual delays are
greater than the programmed values because of the internal
pipeline delays, which are also mode dependent.
HREF and VREF can either be user supplied inputs, or are
generated internally from a PAL/NTSC timing generator. A bit
in Control Register 0 determines this option, and when the
internal generator is specified the HREF pin becomes an
output which supplies horizontal sync and the VREF pin
supplies vertical sync. A composite sync output is also pro-
vided for system level use. In this mode the VREF and HREF
signals used internally are effectively vertical and horizontal
sync, and the programmed delays should be chosen to reflect
this condition.
The signals provided from the internal timing generator
allow the VP520S to drive the VP510 Colour Space Converter
and an RGB monitor. Detailed output timing is given in Figure
5. Note that the chrominance order can be changed. Alterna-
tively they can be used to drive off the shelf composite video
encoders.
External chrominance data can have a zero colour differ-
ence value of either 0 or 128. This is defined using the
Chrominance Control Bit.
Where 128 is the zero colour
difference value, 128 will be subtracted from incoming
chrominance data and 128 will be added to output chrominace
data. Output values will be limited to lie in the range 16 to 240.
External luminace data can have a black luminace level of
either 0 or 16. This is defined using the Luminace Control Bit.
Where 16 is the black value, 16 will be subtracted from
incoming luminace data and 16 will be added to output
luminace data. Output values will be limited to lie in the range
16 to 235.
The data stored in the CIF frame store will not contain the
black levels normally present during horizontal and vertical
flyback. This is inserted by the VP520S at the appropriate
times in order to ensure that the correct filter operation occurs
at the edges of the picture. In addition to these black levels
during flyback, a bit in Control Register 1 allows all active video
to be replaced by a fixed colour. This colour is user definable
through YUV values in three registers.
FRAME STORE INTERFACE
All read and write operations to the external DRAM frame
stores are based on the use of fast page mode with 13.5 MHz
CAS cycles. Internally a 54 MHz clock is produced from the
27MHz System clock, and this determines the minimum time
interval which can be used in the generation of pulses and
defining precharge times. Any DRAM used must meet the
timing constraints given in Table 1.
Reading and writing rates dictate the need for a 16 bit data
interface, and line data is re-organized to allow a 16 bit word
to consist of either two luminance values or two chrominance
values. This gives compatibility with the macroblock require-
ments since a sub block is either all chrominance or all
luminance data. Reading or writing macroblock data requires
jumps between pages, but four words can always be read or
written using fast page mode.
Read and write operations must be timeshared to meet the
requirements of the system. This time-sharing is based on the
use of 16 cycles of the 13.5 MHz clock. When reading or
writing line data to the store, 10 cycles are used for eight
words, and six cycles are left free for four exchanges with the
encoder or decoder. The additional cycles are needed when
Trs
Data
Valid
Tri
Tac
Tas
Tah
Thz
Tlz
Tsh
ADDRESS
CHIP
SELECT
READ
STROBE
DATA
OUT
Tws
Data
Valid
Twi
Tds
Tas
Tah
Tdh
Tsh
ADDRESS
CHIP
SELECT
WRITE
STROBE
DATA
IN
Twa
WRITE CYCLE
READ CYCLE
CHARACTERISTIC
Addresss Set Up Time
Address Hold Time
Cip Select Set Up Time
Chip Select Hold Time
Strobe Inactive Time
Data Access Time
Delay to O/P's low Z
Delay to O/P's high Z
CHARACTERISTIC
Addresss Set Up Time
Address Hold Time
Chip Select Set Up Time
Chip Select Hold Time
Strobe Inactive Time
Strobe Active Time
Data Set Up Time
Data Hold Time
NOTE
Ø is the period of the
input clock
SYMBOL
Tas
Tah
Trs
Tsh
Tri
Tac
Tlz
Thz
MIN
10ns
10ns
10ns
2ns
Øns
2Øns
MAX
20 +3Øns
25ns
SYMBOL
Tas
Tah
Tws
Tsh
Twi
Twa
Tds
Tdh
MIN
10ns
10ns
10ns
2ns
1Øns
3Øns
10ns
10ns
MAX
Fig 6 : Host Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com