Electronic Components Datasheet Search
  English  ▼

X  

VP520SCG Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # VP520SCG
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520SCG Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button VP520SCG Datasheet HTML 7Page - Mitel Networks Corporation VP520SCG Datasheet HTML 8Page - Mitel Networks Corporation VP520SCG Datasheet HTML 9Page - Mitel Networks Corporation VP520SCG Datasheet HTML 10Page - Mitel Networks Corporation VP520SCG Datasheet HTML 11Page - Mitel Networks Corporation VP520SCG Datasheet HTML 12Page - Mitel Networks Corporation VP520SCG Datasheet HTML 13Page - Mitel Networks Corporation VP520SCG Datasheet HTML 14Page - Mitel Networks Corporation VP520SCG Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
VP520S
11
Five sets of coefficients are used to produce the five lines
which are actually stored, but the coefficients are different for
the even and odd field generation. Thus a total of ten sets of
five coefficients are internally stored. In effect we have inter-
polated by five and then decimated by three in order to
produce the complete NTSC frame.
Each CIF chrominance line is used to produce two filtered
NTSC chrominance lines, and one filtered line in every six is
then ignored. This is mechanized by reading each CIF chromi-
nance line twice for every pair of luminance lines. The same
filtering and discard technique as used in the luminance
channel is then applied, using five sets of coefficients for each
field. Ten sets are thus needed to produce two NTSC fields.
We have effectively interpolated by ten and then decimated by
three to produce 480 chrominance lines for the complete
frame.
When interpolating from QCIF to NTSC the additional
output buffering is not used. Instead a sequence is used which
will generate 10 NTSC lines in any field from six QCIF
luminance lines and three chrominance lines. Figure 9 illus-
trates how the first and fourth lines are used once and the
second, third, fifth, and sixth used twice to produce QCIF
luminance. Since this 1 - 2 - 2 sequence is used twice in every
ten lines, only five rather than ten sets of coefficients are
actually needed for each field ( ten sets in total ).
The first and third chrominance lines are used three times,
and the second line is used four times. Thus ten sets of
coefficients are needed for each field ( twenty sets in total ).
Each luminance and chrominance set consists of seven
coefficients, since six line delays are provided for the filters.
JTAG Test Interface
The VP520S includes a test interface consisting of a
boundary scan loop of test registers placed between the pads
and the core of the chip. The control of this loop is fully JTAG/
IEEE 1149-1 1990 compatible. Please refer to this document
for a full description of the standard.
The interface has five dedicated pins: TMS, TDI, TDO,
TCK and TRST. The TRST pin is an independent reset for the
interface controller and should be pulsed low, soon after
power up; if the JTAG interface is not to be used it can be tied
low permanently. The TDI pin is the input for shifting in serial
instruction and test data; TDO the output for test data. The
TCK pin is the independent clock for the test interface and
registers, and TMS the mode select signal.
TDI and TMS are clocked in on the rising edge of TCK, and
all output transitions on TDO happen on its falling edge.
Instructions are clocked into the 3 bit instruction register
(no parity bit) and the following instructions are available.
Instruction Register
Name
( MSB first )
111
BYPASS
000
EXTEST (Inversion except for
VREF, HREF, CSYNC and
CLMP)
010
SAMPLE/PRELOAD
The TAP controller used in this device does not support a
separate INTEST instruction but allows EXTEST to drive the
internals of the device as well as to drive the output pins.
Output enables are thus present in the chain which are not
connected to pins but which allow EXTEST to be used to
control the impedance of all the outputs. The TOE pin, which
can separately be used to control the impedance of all the
outputs, can be monitored as an input through the scan chain
but cannot be used to control the outputs through the TAP
controller. The signals controlled by the various enables are
listed below:
PAD NAME
SIGNALS CONTROLLED
dram_oeb
A8:0, RAS, CAS, R/W
refs_oeb
FREF, VREF, HREF
csync_oeb
CLMP, CSYNC, HBLNK
cgtout_oeb
Test function only
d_oeb
D15:0
m_oeb
M7:0, MCLK, FSIG
c_dec_b
CREF
yuv_oeb
Y7:0, C7:0
cdata_oeb
HD7:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com