Electronic Components Datasheet Search
  English  ▼

X  

VP520SCG Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # VP520SCG
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520SCG Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button VP520SCG Datasheet HTML 8Page - Mitel Networks Corporation VP520SCG Datasheet HTML 9Page - Mitel Networks Corporation VP520SCG Datasheet HTML 10Page - Mitel Networks Corporation VP520SCG Datasheet HTML 11Page - Mitel Networks Corporation VP520SCG Datasheet HTML 12Page - Mitel Networks Corporation VP520SCG Datasheet HTML 13Page - Mitel Networks Corporation VP520SCG Datasheet HTML 14Page - Mitel Networks Corporation VP520SCG Datasheet HTML 15Page - Mitel Networks Corporation VP520SCG Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
VP520S
12
Characteristic
Output high voltage
Output low voltage
Input high voltage
Input low voltage
Input leakage current
Input capacitance
Output leakage current
Output S/C current
NOTES ON MAXIMUM RATINGS
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation or 1 second should not be exceeded,
only one output to be tested at any one time.
3. Exposure to absolute maximum ratings for extended
periods may affect device reliablity.
4. Current is defined as negative into the device.
ABSOLUTE MAXIMUM RATINGS [See Notes]
Supply voltage VDD
-0.5V to 7.0V
Input voltage V
IN
-0.5V to VDD + 0.5V
Output voltage V
OUT
-0.5V to VDD + 0.5V
Clamp diode current per pin I
K (see note 2)
18mA
Static discharge voltage (HMB)
500V
Storage temperature T
S
-65
°C to 150°C
Ambient temperature with power applied T
AMB
0
°C to 70°C
Junction temperature
150
°C
Package power dissipation
5000mW
Delay from output
high to output
high impedance
Test
Waveform - measurement level
Delay from output
low to output
high impedance
H
V
0.5V
V
0.5V
L
1.5V
0.5V
1.5V
0.5V
Delay from output
high impedance to
output low
Delay from output
high impedance to
output high
V
- Voltage reached wh en output driven hig
V
- Voltage reached wh en output driven low
H
L
Units
V
V
V
V
µA
pF
µA
mA
Symbol
V
OH
V
OL
V
IH
V
IL
I
IN
C
IN
I
OZ
I
SC
Min.
2.4
-
2.0
-
-10
-50
10
Max.
-
0.4
-
0.8
+10
+50
300
Value
Typ.
10
Conditions
I
OH = 4mA
I
OL = -4mA
V
DD - 1V for SYSCLK and MCLK
GND < V
IN < VDD
GND < V
OUT < VDD
STATIC ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise stated)
Tamb = 0 C to +70
°C VDD = 5.0v ± 5%
ORDERING INFORMATION
VP520S/CG/GH1R (Commercial - Plastic QFP package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com