Electronic Components Datasheet Search
  English  ▼

X  

G3202 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G3202
Description  1 SPDT Analog Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3202 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G3202 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G3202 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G3202 Datasheet HTML 3Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ver: 1.1
Feb 19, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G3202B
Global Mixed-mode Technology Inc.
1
Ω SPDT Analog Switch
Features
Isolation in Powered-Down Mode, V+=0
Typical 1.15
Ω ON-State Resistance at 4.5V
VCC
Low Charge Injection

Excellent ON Resistance Matching
+1.65V to +5.5V Single-Supply Operation
Low Total Harmonic Distortion
Low supply Current ( <0.3µA )
Break-before-make enable circuitry
Control inputs 5V Tolerant
SC-70-6 (SOT-363) and WLCSP2X3-6 package
Applications
Cell Phones
PDAs
Portable Instrumentation
General Description
The G3202 is a low on-resistance, SPDT (Sin-
gle-Pole/Double-Throw) analog switch that operates
from a 1.65V to 5.5V supply. The device offers an ex-
cellent ON-resistance matching, and low total har-
monic distortion (THD) performance. The device is
designed for fast switching speeds with the break-
before-make feature to prevent signal distortion during
the transferring of signal from one channel to another.
These features make this device suitable for portable
audio applications.
The G3202 is available in the SC-70-6 (SOT-363) and
WLCSP2X3-6 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G3202BTL1U
3B2x
-40°C to 85°C
SC-70-6 (SOT-363)
G3202BTL2U
3BBx
-40°C to 85°C
SC-70-6 (SOT-363)
G3202BB21U
3BB
-40°C to 85°C
WLCSP2X3-6
Note: TL: SC-70-6 (SOT-363)
B2: WLCSP2X3-6
1& 2: Bonding Code
U: Tape &Reel
Pin Configuration
S
A
VCC
GND
B1
1
2
3
4
5
6
G3202B TL1
SC-70-6 (SOT-363)
B0
6 Bump WLCSP
B1 A
B
C
GND
B0
1
2
Top View
WLCSP2X3-6
VCC
A
S
B1
B0
A
VCC
S
1
2
3
4
5
6
G3202B TL2
GND
SC-70-6 (SOT-363)
S
A
VCC
GND
B1
1
2
3
4
5
6
G3202B TL1
SC-70-6 (SOT-363)
B0
6 Bump WLCSP
B1 A
B
C
GND
B0
1
2
Top View
WLCSP2X3-6
VCC
A
S
B1
B0
A
VCC
S
1
2
3
4
5
6
G3202B TL2
GND
SC-70-6 (SOT-363)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com