Electronic Components Datasheet Search
  English  ▼

X  

G3202 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G3202
Description  1 SPDT Analog Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3202 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G3202 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G3202 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G3202 Datasheet HTML 3Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver: 1.4
Feb 19, 2009
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G3202
Global Mixed-mode Technology Inc.
1
Ω SPDT Analog Switch
Features
Isolation in Powered-Down Mode, V+=0
Typical 1.15
Ω ON-State Resistance at 4.5V
Vcc
Low Charge Injection

Excellent ON Resistance Matching
+1.65V to +5.5V Single-Supply Operation
Low Total Harmonic Distortion
Low supply Current ( <0.3µA )
Break-before-make enable circuitry
Control inputs 5V Tolerant
SC-70-6 (SOT-363) and WLCSP2X3-6 package
Applications
Cell Phones
PDAs
Portable Instrumentation
General Description
The G3202 is a low on-resistance, SPDT (Sin-
gle-Pole/Double-Throw) analog switch that operates
from a 1.65V to 5.5V supply. The device offers an ex-
cellent ON-resistance matching, and low total har-
monic distortion (THD) performance. The device is
designed for fast switching speeds with the break-
before-make feature to prevent signal distortion during
the transferring of signal from one channel to another.
These features make this device suitable for portable
audio applications.
The G3202 is available in the SC-70-6 (SOT-363) and
WLCSP2X3-6 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G3202TL1U
322x
-40°C to 85°C
SC-70-6 (SOT-363)
G3202TL2U
32Bx
-40°C to 85°C
SC-70-6 (SOT-363)
G3202B21U
322x
-40°C to 85°C
WLCSP2X3-6
Note: TL: SC-70-6 (SOT-363)
B2: WLCSP2X3-6
1& 2: Bonding Code
U: Tape &Reel
Pin Configuration
S
A
VCC
GND
B1
1
2
3
4
5
6
G3202 TL1
SC-70-6 (SOT-363)
B0
6 Bump WLCSP
B1 A
B
C
GND
B0
1
2
Top View
WLCSP2X3-6
VCC
A
S
B1
B0
A
VCC
S
1
2
3
4
5
6
G3202 TL2
GND
SC-70-6 (SOT-363)
S
A
VCC
GND
B1
1
2
3
4
5
6
G3202 TL1
SC-70-6 (SOT-363)
B0
6 Bump WLCSP
B1 A
B
C
GND
B0
1
2
Top View
WLCSP2X3-6
VCC
A
S
B1
B0
A
VCC
S
1
2
3
4
5
6
G3202 TL2
GND
SC-70-6 (SOT-363)


Similar Part No. - G3202

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
More results

Similar Description - G3202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
1 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_09 Datasheet
612Kb / 26P
1-R SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
1- SPDT ANALOG SWITCH
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
1 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
SPDT 1 Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
1-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3205 GMT-G3205 Datasheet
100Kb / 1P
Dual 1 SPDT Analog Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com