Electronic Components Datasheet Search
  English  ▼

X  

WL102BC Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # WL102BC
Description  Wireless Data Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL102BC Datasheet(HTML) 2 Page - Mitel Networks Corporation

  WL102BC Datasheet HTML 1Page - Mitel Networks Corporation WL102BC Datasheet HTML 2Page - Mitel Networks Corporation WL102BC Datasheet HTML 3Page - Mitel Networks Corporation WL102BC Datasheet HTML 4Page - Mitel Networks Corporation WL102BC Datasheet HTML 5Page - Mitel Networks Corporation WL102BC Datasheet HTML 6Page - Mitel Networks Corporation WL102BC Datasheet HTML 7Page - Mitel Networks Corporation WL102BC Datasheet HTML 8Page - Mitel Networks Corporation WL102BC Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
WL102
Advance Information
HD2
HGnd
TEST0
TEST1
ENI8051B
RSSISTRB
MOD2LEVB
SVdd
SGnd
TXD_L
TXD_H / TXD
SYSCLK_D
RXD_D
P3[1] / EPMINTR
SYSCLK_X
CS_DATA / PWR_LOB
CS_CLK / ANT_SEL
CS_LOADB / LOADB
TX/RXB / RX/TXB
SVdd
SGnd
STDBYB
PA_ON
LCK_DETB
HVdd
27
26
28
37
39
38
40
41
42
43
45
44
46
47
48
49
50
29
30
31
33
32
34
35
36
100
99
98
97
96
94
95
93
92
91
90
88
89
87
86
85
84
82
83
81
80
79
78
76
77
HD3
SA11
SA9
SA8
SA13
SVdd
SGnd
SA14
SWRB
SA15
SA12
SA7
SA6
SA5
SA4
SA3
SA2
SA1
SA0
SD0
SD1
SVdd
SGnd
P3[0] / EPSYSINC
EPRSTB
Fig.ure 2 100 Pin package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com