Electronic Components Datasheet Search
  English  ▼

X  

WL102BC Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # WL102BC
Description  Wireless Data Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL102BC Datasheet(HTML) 3 Page - Mitel Networks Corporation

  WL102BC Datasheet HTML 1Page - Mitel Networks Corporation WL102BC Datasheet HTML 2Page - Mitel Networks Corporation WL102BC Datasheet HTML 3Page - Mitel Networks Corporation WL102BC Datasheet HTML 4Page - Mitel Networks Corporation WL102BC Datasheet HTML 5Page - Mitel Networks Corporation WL102BC Datasheet HTML 6Page - Mitel Networks Corporation WL102BC Datasheet HTML 7Page - Mitel Networks Corporation WL102BC Datasheet HTML 8Page - Mitel Networks Corporation WL102BC Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Advance Information
WL102
HD3
SA11
SA9
SA8
EBA4
SA13
EBA5
SVdd
EBA6
SGnd
n/c
SA14
SWRB
EBD3
SA15
SA12
EBD2
SA7
SA6
EBD1
SA5
SA4
EBD0
SA3
EBA7
SA2
SA1
SA0
EBA8
SD0
SD1
EBA9
SVdd
SGnd
P3[0] / EPSYSINC
EPRSTB
n/c
HD2
HGnd
TEST0
TEST1
ENI8051B
n/c
EBD7
RSSISTRB
MOD2LEVB
EBD6
SVdd
SGnd
EBD5
TXD_L
EBD4
TXD_H / TXD
SYSCLK_D
EBA3
RXD_D
P3[1] / EPMINTR
SYSCLK_X
EBA2
CS_DATA / PWR_LOB
CS_CLK / ANT_SEL
EBA1
CS_LOADB / LOADB
n/c
TX/RXB / RX/TXB
SVdd
EBA0
SGnd
STDBYB
PA_ON
LCK_DETB
HVdd
37
39
38
40
41
42
43
45
44
46
47
48
49
51
50
52
53
54
55
57
56
58
59
60
61
63
62
64
65
66
67
69
68
70
71
72
144
142
143
141
140
139
138
136
137
135
134
133
132
130
131
129
128
127
126
124
125
123
122
121
120
118
119
117
116
115
114
112
113
111
110
109
Figure 3 144 Pin package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com