Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5604CPWR
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV5604CPWR Datasheet HTML 11Page - Texas Instruments TLV5604CPWR Datasheet HTML 12Page - Texas Instruments TLV5604CPWR Datasheet HTML 13Page - Texas Instruments TLV5604CPWR Datasheet HTML 14Page - Texas Instruments TLV5604CPWR Datasheet HTML 15Page - Texas Instruments TLV5604CPWR Datasheet HTML 16Page - Texas Instruments TLV5604CPWR Datasheet HTML 17Page - Texas Instruments TLV5604CPWR Datasheet HTML 18Page - Texas Instruments TLV5604CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
;
; Processor:
TMS320C203 runnning at 40 MHz;
; Description:
;
; This program generates a differential in-phase (sine) on (OUTA–OUTB) and it’s
; quadrature (cosine) as a differential signal on (OUTC–OUTD).
;
; The DAC codes for the signal samples are stored as a table of 64 12–bit values,
; describing 2 periods of a sine function. A rolling pointer is used to address the
; table location in the first period of
this waveform, from which the DAC A samples are
; read. The samples for the other 3 DACs are read at an offset to this rolling pointer:
; DAC
Function
Offset from rolling pointer;
;
A
sine
0
;
B
inverse sine
16
;
C
cosine
8
;
D
inverse cosine
24
;
; The on-chip timer is used to generate interrupts at a fixed rate. The interrupt
; service routine first pulses LDAC low to update all DACs simultaneously with the
; values which were written to them in the previous interrupt. Then all 4 DAC values are
; fetched and written out through the synchronous serial interface. Finally, the
; rolling pointer is incremented to address the next sample, ready for the next
; interrupt.
;
;
 1998, Texas Instruments Incorporated
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––;
; ––––––––––I/O and memory mapped regs –––––––––––––––––––––––––––––––––––––––––––
.include ”regs.asm”
; ––––––––––––––jump vectors––––––––––––––––––––––––––––––––––––––––––––––––––––––
.ps
0h
b
start
b
int1
b
int23
b
timer_isr
;–––––––––––––––––––––– variables ––––––––––––––––––––––––––––––––––––––––––––––––
temp
.equ
0060h
r_ptr
.equ
0061
iosr_stat
.equ
0062h
DACa_ptr
.equ
0063h
DACb_ptr
.equ
0064h
DACc_ptr
.equ
0065h
DACd_ptr
.equ
0066h
;––––––––– constants –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; DAC control bits to be OR’ed onto data
; all fast mode
DACa_control
.equ
01000h
DACb_control
.equ
05000h
DACc_control
.equ
09000h
DACd_control
.equ
0d000h
;––––––––––– tables –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
.ds
02000h
sinevals
.word
00800h
.word
0097Ch
.word
00AE9h
.word
00C3Ah
.word
00D61h
.word
00E53h
.word
00F07h
.word
00F76h
.word
00F9Ch
.word
00F76h
.word
00F07h
.word
00E53h
.word
00D61h
.word
00C3Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com