Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5604CPWR
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604CPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV5604CPWR Datasheet HTML 14Page - Texas Instruments TLV5604CPWR Datasheet HTML 15Page - Texas Instruments TLV5604CPWR Datasheet HTML 16Page - Texas Instruments TLV5604CPWR Datasheet HTML 17Page - Texas Instruments TLV5604CPWR Datasheet HTML 18Page - Texas Instruments TLV5604CPWR Datasheet HTML 19Page - Texas Instruments TLV5604CPWR Datasheet HTML 20Page - Texas Instruments TLV5604CPWR Datasheet HTML 21Page - Texas Instruments TLV5604CPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; Interrupt Service Routines
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
int1
ret
; do nothing and return
int23
ret
; do nothing and return
timer_isr:
in
iosr_stat, IOSR ; store IOSR value into variable space
lacl
iosr_stat
; load acc with iosr status
and
#0FFFDh
; reset IO1 – LDAC low
sacl
temp
;
out
temp, IOSR ;
or
#0002h
; set IO1 – LDAC high
sacl
temp
;
out
temp, IOSR
;
and
#0FFFEh
; reset IO0 – CS low
sacl
temp
;
out
temp, IOSR
;
lacl
r_ptr
; load rolling pointer to accumulator
add
#sinevals
; add pointer to table start
sacl
DACa_ptr
; to get a pointer for next DAC a sample
add
#08h
; add 8 to get to DAC C pointer
sacl
DACc_ptr
add
#08h
; add 8 to get to DAC B pointer
sacl
DACb_ptr
add
#08h
; add 8 to get to DAC D pointer
sacl
DACd_ptr
mar
*,ar0
; set ar0 as current AR
; DAC A
lar
ar0, DACa_ptr ; ar0 points to DAC a sample
lacl
*
; get DAC a sample into accumulator
or
#DACa_control ; OR in DAC A control bits
sacl
temp
;
out
temp, SDTR
; send data
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
; We must wait for transmission to complete before writing next word to the SDTR.
; TLV5604 interface does not allow the use of burst mode with the full packet rate, as
; we need a CLKX –ve edge to clock in last bit before FS goes high again, to allow SPI
; compatibility.
;–––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
rpt
#016h
; wait long enough for this configuration
nop
; of MCLK/CLKOUT1 rate
; DAC B
lar
ar0, DACb_ptr ; ar0 points to DAC a sample
lacl
*
; get DAC a sample into accumulator
or
#DACb_control ; OR in DAC B control bits
sacl
temp
;
out
temp, SDTR
; send data
rpt
#016h
; wait long enough for this configuration
nop
; of MCLK/CLKOUT1 rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com