Electronic Components Datasheet Search
  English  ▼

X  

BF091M Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BF091M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BF091M Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BF091M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BF091M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BF091M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Gas
`
Sm
H
L
Fa
M
Ele
R
Ap
Fea
Age
Op
1) At
2) In
3) Te
3
www.be
s Discharge
mall Size Des
Handling Capa
ow Capacitan
ast Response
Moisture sensi
ctrical Para
RS485/232/4
plication in
atures
ency Appro
DC Breakd
Impulse S
Impulse Di
Ar
Insulat
Capaci
perating
And
M
t delivery AQ
n ionized mod
erms and wav
Icon
encent.com
e Tube
sign 4.2×5.0×
ability 5,000A
nce and Inser
e and Long Se
itivity level
:
ameter
22
nformation
ovals
down Voltage
park-over Vo
ischarge Curr
rc Voltage
tion Resistanc
tance at 1MH
Weight
d Storage Te
Marking
QL 0.65 level
de
veforms in acc
Complia
Compliance
UL C
m.cn
×5.0mm Curr
A @ 8/20 s
μ
rtion Loss
ervice Life
Level 1
e 1)2)
oltage
rent 3)
ce
Hz
mperature
II
GB/T 28
cordance with
Description
ance with 20
e with IEC61
Mean lead fr
Certificated E
rent
s
100V/
At 1kV/
At 1kV/
8/20μ
At 1A
DC=50
VDC=0.
828.1-2003
h ITU-T Rec
n
11/65/EU
1249-2-21:200
ree
E232249
Customers sho
Sc
Pa
Ex
/s
/μs
for
/μs
Typ
μ
s
A
0V
5V
. K. 12; IEC
03
S
uld verify actua
chematic Sy
ackage (Top
xterior
99 % of mea
pical values o
61643-21
Specifications a
al device perfor
ymbol
p View)
SM
1
1
72-108
asured values
of distribution
5,000
~8
≥1
≤1.0
~0.5
-40-90
Without
are subject to ch
rmance in their
Order C
Versi
MD
 650
n  600
BF09
hange without n
specific applic
Code:
BF0
ion: A0 2013
2
2
V
V
V
A
V
GΩ
pF
g
℃
1M
notice.
ations
091M
-09-17
V
V
V
A
V
Ω
F
g
℃


Similar Part No. - BF091M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BF091M BENCENT-BF091M_16 Datasheet
122Kb / 3P
Gas Discharge Tube
More results

Similar Description - BF091M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
Low Capacitance and Insertion Loss
BF351M BENCENT-BF351M Datasheet
215Kb / 3P
Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com